Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/PSQTP Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC16F883-E/PSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/PSQTP Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC16F883-E/PSQTP Datasheet HTML 279Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 280Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 281Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 282Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 283Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 284Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 285Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 286Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 281
PIC16F882/883/884/886/887
Comparator Output ..................................................... 83
Enhanced Capture/Compare/PWM (ECCP) ............. 255
Fail-Safe Clock Monitor (FSCM) ................................. 72
Full-Bridge PWM Output ........................................... 137
Half-Bridge PWM Output .................................. 135, 143
I2C Master Mode First Start Bit Timing ..................... 192
I2C Master Mode Reception Timing .......................... 196
I2C Master Mode Transmission Timing..................... 195
I2C Module
Bus Collision
Transmit Timing ........................................ 199
INT Pin Interrupt........................................................ 218
Internal Oscillator Switch Timing................................. 68
Master Mode Transmit Clock Arbitration................... 198
PWM Auto-shutdown
Auto-restart Enabled ......................................... 142
Firmware Restart .............................................. 142
PWM Direction Change ............................................ 138
PWM Direction Change at Near 100% Duty Cycle ... 139
PWM Output (Active-High)........................................ 133
PWM Output (Active-Low) ........................................ 134
Repeat Start Condition.............................................. 193
Reset, WDT, OST and Power-up Timer ................... 252
Send Break Character Sequence ............................. 168
Slave Synchronization .............................................. 182
SPI Mode Timing (Master Mode) SPI Mode
Master Mode Timing Diagram .......................... 181
SPI Mode Timing (Slave Mode with CKE = 0) .......... 183
SPI Mode Timing (Slave Mode with CKE = 1) .......... 183
Stop Condition Receive or Transmit ......................... 198
Synchronous Reception (Master Mode, SREN) ....... 172
Synchronous Transmission....................................... 170
Synchronous Transmission (Through TXEN) ........... 170
Time-out Sequence
Case 1 .............................................................. 212
Case 2 .............................................................. 212
Case 3 .............................................................. 212
Timer0 and Timer1 External Clock ........................... 254
Timer1 Incrementing Edge.......................................... 78
Two Speed Start-up .................................................... 70
Wake-up from Interrupt ............................................. 223
Timing Parameter Symbology........................................... 248
TRISA ................................................................................. 39
TRISA Register ................................................................... 39
TRISB ................................................................................. 47
TRISB Register ................................................................... 48
TRISC ................................................................................. 53
TRISC Register ................................................................... 53
TRISD ................................................................................. 57
TRISD Register ................................................................... 57
TRISE ................................................................................. 59
TRISE Register ................................................................... 59
Two-Speed Clock Start-up Mode ........................................ 69
TXREG.............................................................................. 151
TXSTA Register ................................................................ 158
BRGH Bit .................................................................. 161
U
Ultra Low-Power Wake-up ................................ 16, 18, 40, 41
V
Voltage Reference. See Comparator Voltage
Reference (CVREF)
Voltage References
Associated Registers.................................................. 97
VP6 Stabilization ........................................................ 94
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 166
Wake-up Using Interrupts ................................................. 222
Watchdog Timer (WDT).................................................... 220
Associated Registers................................................ 221
Clock Source ............................................................ 220
Modes....................................................................... 220
Period ....................................................................... 220
Specifications ........................................................... 253
Waveform for Slave Mode General Call Address
Sequence ................................................................. 188
WCOL ............................................................... 192, 194, 197
WCOL Status Flag............................................ 192, 194, 197
WDTCON Register ........................................................... 221
WPUB Register................................................................... 49
WWW Address ................................................................. 283
WWW, On-Line Support ..................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com