Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K20-E/P Datasheet(PDF) 284 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 284 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 280Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 281Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 282Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 283Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 284Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 285Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 286Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 287Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 420 page
background image
PIC18F2XK20/4XK20
DS41303B-page 282
Advance Information
© 2007 Microchip Technology Inc.
TABLE 21-1:
REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE
REGISTER 21-2:
CVRCON2: COMPARATOR VOLTAGE REFERENCE CONTROL 2 REGISTER
R/W-0
R-0
U-0
U-0
U-0
U-0
U-0
U-0
FVREN
FVRST
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
FVREN: Fixed Voltage Reference Enable bit
1
= FVR circuit powered on
0
= FVR circuit not enabled by FVREN. Other peripherals may enable FVR.
bit 6
FVRST: Fixed Voltage Stable Status bit
1
= FVR is stable and can be used.
0
= FVR is not stable and should not be used.
bit 5-0
Unimplemented: Read as ‘0’.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
60
CVRCON2
FVREN
FVRST
—
—
—
—
—
—59
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1SP
C1R
C1CH1
C1CH0
60
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2SP
C2R
C2CH1
C2CH0
60
CM2CON1
MC1OUT
MC2OUT C1RSEL C2RSEL
—
—
—
—61
TRISA
TRISA7(1) TRISA6(1) PORTA Data Direction Control Register
60
Legend: Shaded cells are not used with the comparator voltage reference.
Note 1:
PORTA pins are enabled based on oscillator configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com