Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F258-E/LSQTP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F258-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/LSQTP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F258-E/LSQTP Datasheet HTML 137Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 138Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 139Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 140Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 141Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 142Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 143Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 144Page - Microchip Technology PIC18F258-E/LSQTP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 139
PIC18FXX8
FIGURE 16-7:
PWM DIRECTION CHANGE
FIGURE 16-8:
PWM DIRECTION CHANGE AT NEAR 100% DUTY CYCLE
DC
Period(1)
SIGNAL
Note
1:
The direction bit in the ECCP1 Control Register (ECCP1CON.EPWM1M1) is written any time during the PWM
cycle.
2: The P1A and P1C signals switch at intervals of TOSC, 4 TOSC or 16 TOSC, depending on the Timer2 prescaler
value earlier when changing direction. The modulated P1B and P1D signals are inactive at this time.
Period
(2)
P1A (Active-High)
P1B (Active-High)
P1C (Active-High)
P1D (Active-High)
Forward Period
Reverse Period
(PWM)
P1A(1)
(PWM)
ton
(2)
toff
(3)
t = toff – ton
(2,3)
P1B(1)
P1C(1)
P1D(1)
External Switch D(1)
Potential
Shoot-Through
Current(1)
Note
1: All signals are shown as active-high.
2: ton is the turn-on delay of power switch and driver.
3: toff is the turn-off delay of power switch and driver.
External Switch C(1)
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com