Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/LSQTP Datasheet(PDF) 231 Page - Microchip Technology

Part # PIC18F448-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/LSQTP Datasheet(HTML) 231 Page - Microchip Technology

Back Button PIC18F448-E/LSQTP Datasheet HTML 227Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 228Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 229Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 230Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 231Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 232Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 233Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 234Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 229
PIC18FXX8
FIGURE 19-3:
INTERNAL TRANSMIT MESSAGE FLOWCHART
Start
Is CAN bus
Available to Start
Transmission?
No
Examine TXPRI <1:0> to
Are any
TXREQ
bits = 1?
The message transmission sequence begins when
the device determines that the TXREQ for any of the
transmit registers has been set.
Clear: TXABT, TXLARB
and TXERR
Yes
Is
TXREQ = 0
ABAT = 1?
Clearing the TXREQ bit while it is set, or setting
the ABAT bit before the message has started
transmission, will abort the message.
No
Begin Transmission (SOF)
Abort Transmission:
Was
Message Transmitted
Successfully?
No
Yes
Set TXREQ = 0
Is
TXIE = 1?
Generate
Interrupt
Yes
Yes
Set TXABT = 1
Set
Set
TXERR = 1
Yes
No
Determine Highest Priority Message
No
Is
TXLARB = 1?
The TXIE bit determines if an inter-
rupt should be generated when a
message is successfully transmitted.
END
Is
TXREQ = 0
or TXABT = 1?
Yes
No
TXBUFE = 1
Yes
A message can also be
aborted
if
a
message
error or lost arbitration
condition occurred during
transmission.
Arbitration Lost During
Transmission
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com