Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/LSQTP Datasheet(PDF) 240 Page - Microchip Technology

Part # PIC18F448-E/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/LSQTP Datasheet(HTML) 240 Page - Microchip Technology

Back Button PIC18F448-E/LSQTP Datasheet HTML 236Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 237Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 238Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 239Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 240Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 241Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 242Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 243Page - Microchip Technology PIC18F448-E/LSQTP Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 402 page
background image
PIC18FXX8
DS41159E-page 238
© 2006 Microchip Technology Inc.
FIGURE 19-10:
ERROR MODES STATE DIAGRAM
19.13 CAN Interrupts
The module has several sources of interrupts. Each of
these interrupts can be individually enabled or
disabled. The CANINTF register contains interrupt
flags. The CANINTE register contains the enables for
the 8 main interrupts. A special set of read-only bits in
the CANSTAT register, the ICODE bits, can be used in
combination with a jump table for efficient handling of
interrupts.
All interrupts have one source, with the exception of the
error interrupt. Any of the error interrupt sources can set
the error interrupt flag. The source of the error interrupt
can be determined by reading the Communication
Status register, COMSTAT.
The interrupts can be broken up into two categories:
receive and transmit interrupts.
The receive related interrupts are:
• Receive Interrupts
• Wake-up Interrupt
• Receiver Overrun Interrupt
• Receiver Warning Interrupt
• Receiver Error-Passive Interrupt
The transmit related interrupts are:
• Transmit Interrupts
• Transmitter Warning Interrupt
• Transmitter Error-Passive Interrupt
• Bus-Off Interrupt
19.13.1
INTERRUPT CODE BITS
The source of a pending interrupt is indicated in the
ICODE (Interrupt Code) bits of the CANSTAT register
(ICODE<2:0>). Interrupts are internally prioritized such
that the higher priority interrupts are assigned lower
ICODE values. Once the highest priority interrupt con-
dition has been cleared, the code for the next highest
priority interrupt that is pending (if any) will be reflected
by the ICODE bits (see Table 19-3, following page).
Note that only those interrupt sources that have their
associated CANINTE enable bit set will be reflected in
the ICODE bits.
19.13.2
TRANSMIT INTERRUPT
When the transmit interrupt is enabled, an interrupt will
be generated when the associated transmit buffer
becomes empty and is ready to be loaded with a new
message. The TXBnIF bit will be set to indicate the
source of the interrupt. The interrupt is cleared by the
MCU resetting the TXBnIF bit to a ‘0’.
19.13.3
RECEIVE INTERRUPT
When the receive interrupt is enabled, an interrupt will
be generated when a message has been successfully
received and loaded into the associated receive buffer.
This interrupt is activated immediately after receiving
the EOF field. The RXBnIF bit will be set to indicate the
source of the interrupt. The interrupt is cleared by the
MCU resetting the RXBnIF bit to a ‘0’.
Bus-
Off
Error-
Active
Error-
Passive
RXERRCNT < 127 or
TXERRCNT < 127
RXERRCNT > 127 or
TXERRCNT > 127
TXERRCNT > 255
128 occurrences of
11 consecutive
“recessive” bits
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com