Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F883-E/SS Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC16F883-E/SS
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SS Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC16F883-E/SS Datasheet HTML 240Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 241Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 242Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 243Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 244Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 245Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 246Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 247Page - Microchip Technology PIC16F883-E/SS Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 242
Preliminary
© 2007 Microchip Technology Inc.
17.2
DC Characteristics: PIC16F882/883/884/886/887-I (Industrial)
PIC16F882/883/884/886/887-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010
Supply Current (IDD)(1, 2)
—11
23
μA2.0
FOSC = 32 kHz
LP Oscillator mode
—18
38
μA3.0
—35
75
μA5.0
D011*
—
140
250
μA2.0
FOSC = 1 MHz
XT Oscillator mode
—
220
400
μA3.0
—
380
650
μA5.0
D012
—
260
380
μA2.0
FOSC = 4 MHz
XT Oscillator mode
—
420
670
μA3.0
—0.8
1.4
mA
5.0
D013*
—
130
220
μA2.0
FOSC = 1 MHz
EC Oscillator mode
—
215
360
μA3.0
—
360
520
μA5.0
D014
—
220
340
μA2.0
FOSC = 4 MHz
EC Oscillator mode
—
375
550
μA3.0
—
0.65
1.0
mA
5.0
D015
—
8
20
μA2.0
FOSC = 31 kHz
LFINTOSC mode
—16
40
μA3.0
—31
65
μA5.0
D016*
—
340
400
μA2.0
FOSC = 4 MHz
HFINTOSC mode
—
500
650
μA3.0
—0.8
1.2
mA
5.0
D017
—
410
0.7
μA2.0
FOSC = 8 MHz
HFINTOSC mode
—
700
1
μA3.0
—
1.30
1.8
mA
5.0
D018
—
230
580
μA2.0
FOSC = 4 MHz
EXTRC mode(3)
—
400
950
μA3.0
—
0.63
1.6
mA
5.0
D019
—
2.6
3.7
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—2.8
3.8
mA
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can
be extended by the formula IR = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com