Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F258-E/PSQTP Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 122Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 123Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 124Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 125Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 126Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 127Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 128Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 129Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 402 page
background image
PIC18FXX8
DS41159E-page 124
© 2006 Microchip Technology Inc.
15.1
CCP1 Module
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. All are readable and writable.
Table 15-1 shows the timer resources of the CCP
module modes.
TABLE 15-1:
CCP1 MODE – TIMER
RESOURCE
15.2
Capture Mode
In Capture mode, CCPR1H:CCPR1L captures the 16-
bit value of the TMR1 or TMR3 register when an event
occurs on pin RC2/CCP1. An event is defined as:
• every falling edge
• every rising edge
• every 4th rising edge
• every 16th rising edge
An event is selected by control bits CCP1M3:CCP1M0
(CCP1CON<3:0>). When a capture is made, the
interrupt request flag bit, CCP1IF (PIR registers), is set.
It must be cleared in software. If another capture
occurs before the value in register CCPR1 is read, the
old captured value will be lost.
15.2.1
CCP PIN CONFIGURATION
In Capture mode, the RC2/CCP1 pin should be
configured as an input by setting the TRISC<2> bit.
15.2.2
TIMER1/TIMER3 MODE SELECTION
The timers used with the capture feature (either Timer1
and/or Timer3) must be running in Timer mode or Syn-
chronized Counter mode. In Asynchronous Counter
mode, the capture operation may not work. The timer
used with each CCP module is selected in the T3CON
register.
TABLE 15-2:
INTERACTION OF CCP1 AND ECCP1 MODULES
CCP1 Mode
Timer Resource
Capture
Compare
PWM
Timer1 or Timer3
Timer1 or Timer3
Timer2
Note:
If the RC2/CCP1 is configured as an out-
put, a write to the port can cause a capture
condition.
CCP1
Mode
ECCP1
Mode
Interaction
Capture
Capture
TMR1 or TMR3 time base. Time base can be different for each CCP.
Capture
Compare
The compare could be configured for the special event trigger which clears either TMR1
or TMR3, depending upon which time base is used.
Compare
Compare
The compare(s) could be configured for the special event trigger which clears TMR1 or
TMR3, depending upon which time base is used.
PWM
PWM
The PWMs will have the same frequency and update rate (TMR2 interrupt).
PWM
Capture
None.
PWM
Compare
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com