Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F258-E/PSQTP Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 136Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 137Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 138Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 139Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 140Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 141Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 142Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 143Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 402 page
background image
PIC18FXX8
DS41159E-page 138
© 2006 Microchip Technology Inc.
FIGURE 16-6:
EXAMPLE OF FULL-BRIDGE APPLICATION
16.5.3.1
Direction Change in Full-Bridge
Mode
In the Full-Bridge Output mode, the EPWM1M1 bit in
the ECCP1CON register allows the user to control the
forward/reverse direction. When the application firm-
ware changes this direction control bit, the ECCP1
module will assume the new direction on the next PWM
cycle. The current PWM cycle still continues, however,
the non-modulated outputs, P1A and P1C signals, will
transition to the new direction TOSC, 4 TOSC or 16 TOSC
earlier (for T2CKRS<1:0> = 00, 01 or 1x, respectively)
before the end of the period. During this transition
cycle, the modulated outputs, P1B and P1D, will go to
the inactive state (Figure 16-7).
Note that in the Full-Bridge Output mode, the ECCP
module does not provide any dead-band delay. In
general, since only one output is modulated at all times,
dead-band delay is not required. However, there is a
situation where a dead-band delay might be required.
This situation occurs when all of the following
conditions are true:
1.
The direction of the PWM output changes when
the duty cycle of the output is at or near 100%.
2.
The turn-off time of the power switch, including
the power device and driver circuit, is greater
than turn-on time.
Figure 16-8 shows an example where the PWM
direction changes from forward to reverse at a near
100% duty cycle. At time t1, the outputs P1A and P1D
become inactive, while output P1C becomes active. In
this example, since the turn-off time of the power
devices is longer than the turn-on time, a shoot-through
current flows through power devices QB and QD (see
Figure 16-6) for the duration of ‘t’. The same phenom-
enon will occur to power devices QA and QC for PWM
direction change from reverse to forward.
If changing PWM direction at high duty cycle is required
for an application, one of the following requirements
must be met:
1.
Avoid changing PWM output direction at or near
100% duty cycle.
2.
Use switch drivers that compensate the slow
turn off of the power devices. The total turn-off
time (toff) of the power device and the driver
must be less than the turn-on time (ton).
PIC18F448/458
P1D
P1B
FET
Driver
FET
Driver
V+
V-
Load
+
-
FET
Driver
FET
Driver
P1C
P1A
QD
QC
QA
QB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com