Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F258-E/PSQTP Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 186Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 187Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 188Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 189Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 190Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 191Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 192Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 193Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 402 page
background image
PIC18FXX8
DS41159E-page 188
© 2006 Microchip Technology Inc.
TABLE 18-5:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(Kbps)
FOSC = 40 MHz
SPBRG
value
(decimal)
33 MHz
SPBRG
value
(decimal)
25 MHz
SPBRG
value
(decimal)
20 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-NA
-
-NA
-
-
NA
-
-
1.2
NA
-
-NA
-
-NA
-
-
NA
-
-
2.4
NA
-
-NA
-
-NA
-
-
NA
-
-
9.6
NA
-
-
9.60
-0.07
214
9.59
-0.15
162
9.62
+0.16
129
19.2
19.23
+0.16
129
19.28
+0.39
106
19.30
+0.47
80
19.23
+0.16
64
76.8
75.76
-1.36
32
76.39
-0.54
26
78.13
+1.73
19
78.13
+1.73
15
96
96.15
+0.16
25
98.21
+2.31
20
97.66
+1.73
15
96.15
+0.16
12
300
312.50
+4.17
7
294.64
-1.79
6
312.50
+4.17
4
312.50
+4.17
3
500
500
0
4
515.63
+3.13
3
520.83
+4.17
2
416.67
-16.67
2
HIGH
2500
-
0
2062.50
-
0
1562.50
-
0
1250
-
0
LOW
9.77
-
255
8,06
-
255
6.10
-
255
4.88
-
255
BAUD
RATE
(Kbps)
FOSC = 16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
7.15909 MHz
SPBRG
value
(decimal)
5.0688 MHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA-
-
NA
-
-
NA-
-
NA
-
-
1.2
NA-
-
NA
-
-
NA-
-
NA
-
-
2.4
NA
-
-
NA
-
-
2.41
+0.23
185
2.40
0
131
9.6
9.62
+0.16
103
9.62
+0.16
64
9.52
-0.83
46
9.60
0
32
19.2
19.23
+0.16
51
18.94
-1.36
32
19.45
+1.32
22
18.64
-2.94
16
76.8
76.92
+0.16
12
78.13
+1.73
7
74.57
-2.90
5
79.20
+3.13
3
96
100
+4.17
9
89.29
-6.99
6
89.49
-6.78
4
105.60
+10.00
2
300
333.33
+11.11
2
312.50
+4.17
1
447.44
+49.15
0
316.80
+5.60
0
500
500
0
1
625
+25.00
0
447.44
-10.51
0
NA
-
-
HIGH
1000
-
0
625
-
0
447.44
-
0
316.80
-
0
LOW
3.91
-
255
2.44
-
255
1.75
-
255
1.24
-
255
BAUD
RATE
(Kbps)
FOSC = 4 MHz
SPBRG
value
(decimal)
3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
KBAUD
%
ERROR
0.3
NA
-
-
NA
-
-
0.30
+0.16
207
0.29
-2.48
6
1.2
1.20
+0.16
207
1.20
+0.23
185
1.20
+0.16
51
1.02
-14.67
1
2.4
2.40
+0.16
103
2.41
+0.23
92
2.40
+0.16
25
2.05
-14.67
0
9.6
9.62
+0.16
25
9.73
+1.32
22
8.93
-6.99
6
NA
-
-
19.2
19.23
+0.16
12
18.64
-2.90
11
20.83
+8.51
2
NA
-
-
76.8
NA
-
-
74.57
-2.90
2
62.50
-18.62
0
NA
-
-
96
NA
-
-
111.86
+16.52
1
NA
-
-
NA
-
-
300
NA
-
-
223.72
-25.43
0
NA
-
-
NA
-
-
500
NA-
-
NA
-
-
NA-
-
NA
-
-
HIGH
250
-
0
55.93
-
0
62.50
-
0
2.05
-
0
LOW
0.98
-
255
0.22
-
255
0.24
-
255
0.008
-
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com