Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2605 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2605
Description  45MHz to 650MHz, Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2605 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2605 Datasheet HTML 6Page - Maxim Integrated Products MAX2605 Datasheet HTML 7Page - Maxim Integrated Products MAX2605 Datasheet HTML 8Page - Maxim Integrated Products MAX2605 Datasheet HTML 9Page - Maxim Integrated Products MAX2605 Datasheet HTML 10Page - Maxim Integrated Products MAX2605 Datasheet HTML 11Page - Maxim Integrated Products MAX2605 Datasheet HTML 12Page - Maxim Integrated Products MAX2605 Datasheet HTML 13Page - Maxim Integrated Products MAX2605 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
10
______________________________________________________________________________________
MAX2608
REQUIRED INDUCTANCE vs. DESIRED VCO FIXED FREQUENCY
40.0
38.0
37.0
32.0
29.0
27.0
25.0
22.0
20.0
17.0
15.0
13.0
11.0
310 320 330 340 350 360 370 380 390 400 410 420
470
9.0
300
480
41.0
420 430 440 450 460
490 500
36.0
35.0
34.0
33.0
31.0
30.0
28.0
26.0
24.0
23.0
21.0
19.0
18.0
16.0
14.0
12.0
10.0
EFFECTIVE INDUCTANCE
FROM IND TO GND
INDUCTOR VALUE
MOUNTED ON EV KIT
MEASUREMENT CONDITIONS
VCC = 2.75V, TA = 25°C,
RLOAD = 100Ω||50Ω (100Ω RESISTIVE PULL-UP PARALLELED WITH 50Ω
VNA IMPEDANCE), UNUSED OUTPUT TERMINATED IN 50
Ω,
PCB PARASITIC SHUNT CAPACITANCE (IND TO GND) = 0.45pF
THE INDUCTANCE LISTED IS THE PRECISE NOMINAL INDUCTANCE VALUE
REQUIRED FROM IND TO GND IN ORDER TO GUARANTEE THE VCO
CAN TUNE TO THE DESIRED FIXED FREQUENCY, OVER ALL OPERATING
CONDITIONS AND WORST-CASE COMPONENT
VALUES (
±2% INDUCTOR AND IC PROCESS VARIATION).
Figure 4. MAX2608 Required Inductance vs. Desired VCO Fixed Frequency


Similar Part No. - MAX2605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2605 MAXIM-MAX2605 Datasheet
161Kb / 6P
   MAX2605-MAX2609 Evaluation Kits
Rev 0; 9/00
MAX2605 MAXIM-MAX2605 Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EUT-T MAXIM-MAX2605EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EUT-T MAXIM-MAX2605EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2605EVKIT MAXIM-MAX2605EVKIT Datasheet
161Kb / 6P
   MAX2605-MAX2609 Evaluation Kits
Rev 0; 9/00
More results

Similar Description - MAX2605

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT MAXIM-MAX2609EUT Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
logo
Texas Instruments
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
logo
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com