Electronic Components Datasheet Search |
|
MAX2605 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX2605 Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 15 page _______________________________________________________________________________________ 5 45MHz to 650MHz, Integrated IF VCOs with Differential Output 90 100 110 120 130 0 1.0 0.5 1.5 2.0 2.5 3.0 MAX2606 VCO TUNING CURVE VTUNE (V) 160 180 200 220 240 260 0 1.0 0.5 1.5 2.0 2.5 3.0 MAX2607 VCO TUNING CURVE VTUNE (V) 310 340 370 400 430 0 1.0 0.5 1.5 2.0 2.5 3.0 MAX2608 VCO TUNING CURVE VTUNE (V) 480 520 560 600 640 680 0 1.0 0.5 1.5 2.0 2.5 3.0 MAX2609 VCO TUNING CURVE VTUNE (V) -50 -40 -30 -20 -10 0 4fo 5fo 2fo 3fo fo 6fo 7fo FREQUENCY OUTPUT SPECTRUM NAME FUNCTION 1 IND Tuning Inductor Port. Connect an inductor from IND to GND to set VCO center frequency (see Oscillation Frequency). 2 GND Ground. Connect to the ground plane with a low-inductance path. PIN 3 TUNE Voltage-Control Input for Frequency Tuning. Input voltage range from +0.4V to +2.4V. 4 OUT- High-Impedance Open-Collector Output. An external pull-up resistor or inductor to VCC is required. Output power is dependent on external load impedance. OUT- is complementary to OUT+. 6 OUT+ High-Impedance Open-Collector Output. An external pull-up resistor or inductor to VCC is required. Output power is dependent on external load impedance. OUT+ is complementary to OUT-. 5 VCC Supply Voltage Connection. Connect an external bypass capacitor to ground for low noise and low spuri- ous-output content. See Layout Issues for more details. Pin Description Typical Operating Characteristics (continued) (MAX260_ EV kit, VCC = +2.75V, VTUNE = 1.4V, TA = +25°C, unless otherwise noted.) |
Similar Part No. - MAX2605 |
|
Similar Description - MAX2605 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |