Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F269Z1T3 Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 110Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 111Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 112Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 113Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 114Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 115Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 116Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 117Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
18 - SYSTEM RESET
ST10F269
114/184
18 - SYSTEM RESET
System reset initializes the MCU in a predefined
state. There are five ways to activate a reset state.
The system start-up configuration is different for
each case as shown in Table 37.
Table 37 : Reset Event Definition
18.1 - Long Hardware Reset
The reset is triggered when RSTIN pin is pulled
low, then the MCU is immediately forced in reset
default state. It pulls low RSTOUT pin, it cancels
pending internal hold states if any, it aborts
external bus cycle, it switches buses (data,
address and control signals) and I/O pin drivers to
high-impedance, it pulls high PORT0 pins and the
reset sequence starts.
To get a long hardware reset, the duration of the
external RSTIN signal must be longer than 1040
TCL. The level of RPD pin is sampled during the
whole RSTIN pulse duration. A low level on RPD
pin determines an asynchronous reset while a
high level leads to a synchronous reset.
Note
A reset can be entered as synchronous
and exit as asynchronous if VRPD voltage
drops
below
the
RPD
pin
threshold
(typically 2.5V for VDD = 5V) when RSTIN
pin is low or when RSTIN pin is internally
pulled low.
18.1.1 - Asynchronous Reset
Figure 54 and Figure 55 show asynchronous
reset condition (RPD pin is at low level).
Figure 54 : Asynchronous Reset Sequence External Fetch
Note: 1) RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
Reset Source
Short-cut
Conditions
Power-on reset
PONR
Power-on
Long Hardware reset (synchronous & asynchronous)
LHWR
t RSTIN > 1040 TCL
Short Hardware reset (synchronous reset)
SHWR
4 TCL < t RSTIN < 1038 TCL
Watchdog Timer reset
WDTR
WDT overflow
Software reset
SWR
SRST execution
6 or 8 TCL1)
CPU Clock
RSTIN
Asynchronous
Reset Condition
RPD
RSTOUT
ALE
PORT0
Reset Configuration
1st Instruction External Fetch
Latching point of PORT0
for system start-up
configuration
8
12
34
6
7
59
RD
EXTERNAL FETCH
Internal reset
5 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com