Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F269Z1T3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 115Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 116Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 117Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 118Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 119Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 120Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 121Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 122Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 184 page
background image
ST10F269
18 - SYSTEM RESET
119/184
Depending on the delay of the next applied reset,
the MCU can enter a synchronous reset or an
asynchronous reset. If RPD pin is below 2.5V an
asynchronous reset starts, if RPD pin is above
2.5V a synchronous reset starts. (See Section
18.1 - and Section 18.2 -).
Note that an internal pull-down is connected to
RPD pin and can drive a 100
µA to 200µA current.
This Pull-down is turned on when RSTIN pin is
low.
To properly use the bidirectional reset features,
the schematic (or equivalent) of Figure 60 must be
implemented. R1-C1 only work for power-on or
manual reset in the same way as explained
previously. D1 diode brings a faster discharge of
C1
capacitor
at
power-off
during
repetitive
switch-on / switch-off sequences. D2
diode
performs an OR-wired connection, it can be
replaced with an open drain buffer. R2 resistor
may be added to increase the pull-up current to
the open drain in order to get a faster rise time on
RSTIN pin when bidirectional function is activated.
The start-up configurations and some system
features are selected on reset sequences as
described in Table 38 and Table 39.
Table 38
describes
what
is
the
system
configuration latched on PORT0 in the five
different reset ways. Table 39 summarizes the
state of bits of PORT0
latched
in
RP0H,
SYSCON, BUSCON0 registers.
Figure 58 : Internal (simplified) Reset Circuitry.
RSTOUT
EINIT Instruction
Trigger
Clr
Clock
Reset State
Machine
Internal
Reset
Signal
Reset Sequence
(512 CPU Clock Cycles)
SRST instruction
watchdog overflow
RSTIN
VDD
BDRSTEN
VDD
RPD
Weak pull-down
(~200
µA)
From/to Exit
Powerdown
Circuit
Asynchronous
Reset
Clr
Q
Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com