Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT80-06J Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SBT80-06J
Description  Schottky Barrier Diode (Twin TypeCathode Common) 60V, 8A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT80-06J Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SBT80-06J Datasheet HTML 1Page - Sanyo Semicon Device SBT80-06J Datasheet HTML 2Page - Sanyo Semicon Device SBT80-06J Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBT80-06J
No.8225-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Guaranteed up to Tj=150
°C.
Low forward voltage (VF max=0.58V).
Short reverse recovery time.
Low switching noise.
High reliability due to highly reliable planar structure.
Attachment workability is good by Mica-less package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
60
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
66
V
Average Output Current
IO
50Hz resistive load, Sine wave, Tc=109
°C8
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
80
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=1mA, Tj=25°C*
60
V
Forward Voltage
VF
IF=3.0A, Tj=25°C*
0.58
V
Reverse Current
IR
VR=30V, Tj=25°C*
0.1
mA
Interterminal Capacitance
C
VR=10V, Tj=25°C*
130
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
5.0
°C / W
Note) * : Value per element
Ordering number : ENN8225
31505SD TS IM TB-00001167
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SBT80-06J
Schottky Barrier Diode (Twin Type · Cathode Common)
60V, 8A Rectifier


Similar Part No. - SBT80-06J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
More results

Similar Description - SBT80-06J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-10J SANYO-SBT80-10J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10JS SANYO-SBT80-10JS Datasheet
40Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10Y SANYO-SBT80-10Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10LS SANYO-SBT80-10LS Datasheet
41Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT150-06J SANYO-SBT150-06J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 15A Rectifier
SBT350-06L SANYO-SBT350-06L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 35A Rectifier
SBJ200-06J SANYO-SBJ200-06J Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 20A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com