Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT80-10JS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBT80-10JS
Description  Schottky Barrier Diode (Twin TypeCathode Common) 100V, 8A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT80-10JS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBT80-10JS Datasheet HTML 1Page - Sanyo Semicon Device SBT80-10JS Datasheet HTML 2Page - Sanyo Semicon Device SBT80-10JS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBT80-10JS
No. A0501-3/3
PS
(4)
(3)
0123
100
170
150
130
90
70
50
4
579
810
6
Tc -- IO
(2)
(1)
IT08515
Average Output Current, IO -- A
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine
wave
0.001
0.01
0.1
1.0
10
2
3
52
5
2
5
2
2
35 7
37
37
37
7
5
3
2
5
7
1.0
10
ID01026
0.01
23
7
7
0.1
0
52
2
3
37 1.0
5
80
70
50
30
10
40
60
20
ID01025
Rth(j-c) -- t
Time, t -- s
IFSM -- t
Time, t -- s
IS
20ms
t
Current waveform 50Hz sine wave
C -- VR
Reverse Voltage, VR -- V
1.0
2
100
2
3
3
5
2
5
7
35
7
7
10
23
5
7 100
2
5
ID01024
f=100kHz
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
This catalog provides information as of August, 2006. Specifications and information herein are subject
to change without notice.


Similar Part No. - SBT80-10JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-10J SANYO-SBT80-10J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
More results

Similar Description - SBT80-10JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT80-10J SANYO-SBT80-10J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10Y SANYO-SBT80-10Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-10LS SANYO-SBT80-10LS Datasheet
41Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-06J SANYO-SBT80-06J Datasheet
39Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-04J SANYO-SBT80-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBT80-04Y SANYO-SBT80-04Y Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 8A Rectifier
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBT350-10L SANYO-SBT350-10L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 35A Rectifier
SBT250-10R SANYO-SBT250-10R Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com