Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT250-04Y Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBT250-04Y
Description  Schottky Barrier Diode (Twin TypeCathode Common) 40V, 25A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT250-04Y Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBT250-04Y Datasheet HTML 1Page - Sanyo Semicon Device SBT250-04Y Datasheet HTML 2Page - Sanyo Semicon Device SBT250-04Y Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBT250-04Y
No.7798-2/3
Package Dimensions
Electrical Connection
unit : mm
7001-001
Anode
Anode
Cathode
0
1.0
10
0.4
1.2
0.8
1.6
5
7
2
3
5
7
2
3
5
7
2
3
100
5
7
2
3
0.01
0.1
IT09142
0
10
1.0
100
5
7
3
2
5
7
3
2
5
3
2
10
20
30
40
50
(3)
(1)
0
0
8
10
20
14
16
18
12
6
2
4
530
15
25
20
10
IT09144
(4)
(3)
(1)
0
0
3
4
9
8
7
6
5
2
1
40
50
30
20
10
(2)
(4)
(2)
PR max at Tj=150°C
Tj=150
°C
25°
C
IT09143
IT09145
Tj=150
°C max
150
°C typ
125
°C typ
100
°C typ
IF -- VF
IR -- VR
PF(AV) -- IO
PR(AV) -- VRM
PR max at Tj=150°C
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Peak Reverse Voltage, VRM -- V
Average Output Current, IO -- A
Represented by max
180
°
360
°
θ
360
°
180
°
360
°
VR
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Sine wave
Sine wave
Rectangular
wave
θ
360
°
VR
Rectangular
wave
10.2
1.3
4.5
0.8
0.4
1.2
2.55
2.55
0 to 0.3
12
3
2.55
2.55
1 : Anode
2 : Cathode
3 : Anode
SANYO : SMP-FD


Similar Part No. - SBT250-04Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT250-04J SANYO-SBT250-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBT250-04L SANYO-SBT250-04L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT250-04R SANYO-SBT250-04R Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
More results

Similar Description - SBT250-04Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBT250-04R SANYO-SBT250-04R Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT250-04J SANYO-SBT250-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT250-04L SANYO-SBT250-04L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT250-10R SANYO-SBT250-10R Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT250-10J SANYO-SBT250-10J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT250-06J SANYO-SBT250-06J Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 25A Rectifier
SBT250-10L SANYO-SBT250-10L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT250-06L SANYO-SBT250-06L Datasheet
35Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 25A Rectifier
SBR250-10J SANYO-SBR250-10J Datasheet
36Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT150-04J SANYO-SBT150-04J Datasheet
38Kb / 3P
Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com