Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 161Page - STMicroelectronics ST72324BK Datasheet HTML 162Page - STMicroelectronics ST72324BK Datasheet HTML 163Page - STMicroelectronics ST72324BK Datasheet HTML 164Page - STMicroelectronics ST72324BK Datasheet HTML 165Page - STMicroelectronics ST72324BK Datasheet HTML 166Page - STMicroelectronics ST72324BK Datasheet HTML 167Page - STMicroelectronics ST72324BK Datasheet HTML 168Page - STMicroelectronics ST72324BK Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 188 page
background image
ST72324B
Electrical characteristics
165/188
12.13.1
Analog power supply and reference pins
Depending on the MCU pin count, the package may feature separate VAREF and VSSA
analog power supply pins. These pins supply power to the A/D converter cell and function
as the high and low reference voltages for the conversion. In some packages, VAREF and
VSSA pins are not available (refer to Section 2 on page 10). In this case the analog supply
and reference pads are internally bonded to the VDD and VSS pins.
Separation of the digital and analog power pins allow board designers to improve A/D
performance. Conversion accuracy can be impacted by voltage drops and noise in the event
of heavily loaded or badly decoupled power supply lines (see Section 12.13.2: General PCB
design guidelines).
12.13.2
General PCB design guidelines
To obtain best results, some general design and layout rules should be followed when
designing the application PCB to shield the noise-sensitive, analog physical interface from
noise-generating CMOS logic signals.
●
Use separate digital and analog planes. The analog ground plane should be connected
to the digital ground plane via a single point on the PCB.
●
Filter power to the analog power planes. It is recommended to connect capacitors, with
good high frequency characteristics, between the power and ground lines, placing
0.1µF and optionally, if needed 10pF capacitors as close as possible to the ST7 power
supply pins and a 1 to 10µF capacitor close to the power source (see Figure 87).
●
The analog and digital power supplies should be connected in a star network. Do not
use a resistor, as VAREF is used as a reference voltage by the A/D converter and any
resistance would cause a voltage drop and a loss of accuracy.
●
Properly place components and route the signal traces on the PCB to shield the analog
inputs. Analog signals paths should run over the analog ground plane and be as short
as possible. Isolate analog signals from digital signals that may switch while the analog
inputs are being sampled by the A/D converter. Do not toggle digital outputs on the
same I/O port as the A/D input being converted.
Figure 87.
Power supply filtering
VSS
VDD
VDD
ST72XXX
VAREF
VSSA
Power
supply
source
ST7
digital noise
filtering
External
noise
filtering
1 to 10µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com