Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BK Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 180Page - STMicroelectronics ST72324BK Datasheet HTML 181Page - STMicroelectronics ST72324BK Datasheet HTML 182Page - STMicroelectronics ST72324BK Datasheet HTML 183Page - STMicroelectronics ST72324BK Datasheet HTML 184Page - STMicroelectronics ST72324BK Datasheet HTML 185Page - STMicroelectronics ST72324BK Datasheet HTML 186Page - STMicroelectronics ST72324BK Datasheet HTML 187Page - STMicroelectronics ST72324BK Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 184 / 188 page
background image
Known limitations
ST72324B
184/188
In the same way, as long as the SBK bit is set, break characters are sent to the TDO pin.
This may lead to generate one break more than expected.
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU = 8MHz and SCIBRR = 0xC9), the wrong break duration
occurrence is around 1%.
Workaround
If this wrong duration is not compliant with the communication protocol in the application,
software can request that an Idle line be generated before the break character. In this case,
the break duration is always correct assuming the application is not doing anything between
the idle and the break. This can be ensured by temporarily disabling interrupts.
The exact sequence is:
1.
Disable interrupts
2.
Reset and set TE (IDLE request)
3.
Set and reset SBK (break request)
4.
Re-enable interrupts
15.2
8/16 Kbyte Flash devices only
15.2.1
39-pulse ICC entry mode
ICC mode entry using ST7 application clock (39 pulses) is not supported. External clock
mode must be used (36 pulses). Refer to the ST7 Flash Programming Reference Manual.
15.2.2
Negative current injection on pin PB0
Negative current injection on pin PB0 degrades the performance of the device and is not
allowed on this pin.
15.3
8/16 Kbyte ROM devices only
15.3.1
Readout protection with LVD
Readout protection is not supported if the LVD is enabled.
15.3.2
I/O Port A and F configuration
When using an external quartz crystal or ceramic resonator, a few fOSC2 clock periods may
be lost when the signal pattern in Table 125 occurs. This is because this pattern causes the
device to enter test mode and return to user mode after a few clock periods. User program
execution and I/O status are not changed, only a few clock cycles are lost.
This happens with either one of the following configurations
●
PA3 = 0, PF4 = 1, PF1 = 0 while PLL option is disabled and PF0 is toggling
●
PA3 = 0, PF4 = 1, PF1 = 0, PF0 = 1 while PLL option is enabled
This is detailed in Table 125.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com