Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6431 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 2Page - Texas Instruments TMS320DM6431 Datasheet HTML 3Page - Texas Instruments TMS320DM6431 Datasheet HTML 4Page - Texas Instruments TMS320DM6431 Datasheet HTML 5Page - Texas Instruments TMS320DM6431 Datasheet HTML 6Page - Texas Instruments TMS320DM6431 Datasheet HTML 7Page - Texas Instruments TMS320DM6431 Datasheet HTML 8Page - Texas Instruments TMS320DM6431 Datasheet HTML 9Page - Texas Instruments TMS320DM6431 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 225 page
background image
www.ti.com
Revision History
TMS320DM6431
Digital Media Processor
SPRS342A – NOVEMBER 2006 – REVISED MARCH 2007
This data manual revision history highlights the technical changes made to the SPRS342 device-specific
data manual to make it an SPRS342A revision.
Scope: Applicable updates to the device family, specifically relating to the device, have been
incorporated.
• The RSV1 pin (E5, D4) must be left unconnected. Do not connect to power or ground.
• Upon exit from the bootloader code, all C64x+ memories are configured as all RAM, Cache is disabled.
• This is now a complete document. New sections and subsections have been added.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Added section cross-references throughout the entire document
Section 1.1
Section 1.1, Features:
Deleted "/Debug" from the "Fully Software-Compatible With C64x" feature
Section 2.1
Section 2.1, Device Characteristics:
Table 2-1, Characteristics of the DM6431 Processor:
Added "MegaMdodule Rev ID"
Updated/Changed the "CPU ID + CPU Rev ID" row to reference the "TMS320DM6437/35/33/31 Digital
Media Processor (DMP) [Silicon Revisions 1.1 and 1.0] Silicon Errata (literature number SPRZ250)."
Updated/Changed PLL Options "CLKIN1 frequency multiplier (27 MHz reference)" to "MXI/CLKIN
frequency multiplier (27 MHz reference)"
Section 2.4
Section 2.4, Memory Map Summary:
Section 2.4, Memory Map Summary:
Added "For all boot modes that default to ..." footnote
Table 2-4, Configuration Memory Map Summary:
Deleted 0x01BC 0000 — 0x01BC 00FF AET Registers; now "Reserved"
Section 2.6
Section 2.6, Terminal Functions:
Table 2-5, Boot Terminal Functions:
Updated/Changed Bootmode[3:0] Descriptions to reference Section 3.4.1, Boot Modes
Updated/Changed EM_BA[1:0]/(AEM0:1) DSECRIPTION from "...pinout type" to ..."pinout mode"
Table 2-10, EMIFA Terminal Functions (EMIFA Pinout Mode 1, AEM[2:0] = 001):
Updated/Changed the DESCRIPTION for EM_A[12:0]
Table 2-11, EMIFA Terminal Functions (EMIFA Pinout Mode 5, AEM[2:0] = 101):
Updated/Changed DESPCRIPTION for EM_CS2/GP[12]
Table 2-12, DDR2 Memory Controller Terminal Functions:
Added "Output" pin direction to the DESCRIPTION for all address bus and control signals
Added "bi-directional" to the DESCRIPTION for the DDR2 data bus
Table 2-13, EMAC and MDIO Terminal Functions:
Updated/Changed the "MTXCLK/GP[73]" DESCRIPTION from "output" to "input"
Updated/Changed the "MTXD0/GP[72]" DESCRIPTION from "TXD0" to "MTXD0"
Updated/Changed the "MRXD3/GP[82]" DESCRIPTION from "RXD3" to "MRXD3"
Added "(I/O/Z)" to the MDIO/GP[83] DESCRIPTION
Table 2-14, VPFE Terminal Functions:
Updated/Changed the DESCRIPTION for the following signals: CCDC9 through CCDC0 from "CCD AFE
mode" to "CCD Raw mode"
Added "In 8-bit YCbCr mode, this pin should not be used." to the DESCRIPTION for CCD8 and CCD9
Table 2-23, Standalone GPIO 3.3 V Terminal Functions:
Updated/Changed the DESCRIPTION for GP[28] to "... pulled down via an external resistor"
Table 2-24, Reserved Terminal Functions:
Deleted TYPE for the following signals: RSV4 through RSV15
Section 2.8
Section 2.8, Device and Development-Support Tool Nomenclature:
Updated/Changed Figure 2-10, Device Nomenclature
Section 5.3
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted):
Updated/Changed CI and CO MAX values from "10 pF" to "5 pF"
Updated/Changed the "Measured under the following conditions: ..." footnote
6
Revision History
Submit Documentation Feedback


Similar Part No. - TMS320DM6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 226P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6431Q TI1-TMS320DM6431Q Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6431ZDU3 TI-TMS320DM6431ZDU3 Datasheet
1Mb / 226P
Digital Media Processor
More results

Similar Description - TMS320DM6431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com