Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21205 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PS21205
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21205 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PS21205 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21205 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21205
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 1999
PS21205
INTEGRATED POWER FUNCTIONS
600V/20A low-loss 3rd generation IGBT inverter bridge for 3
phase DC-to-AC power conversion (Fig. 2)
Application Motor Ratings : Power : 1.5kW, sinusoidal, PWM
Frequency=5kHz
100% load current : 8.0A (rms)*
150% load current : 12.0A (rms)*,
1 minute.
*(Note) : The motor current is assumed to be sinusoidal and
the peak current value is defined as : lO ! 2
APPLICATION
AC100V~200V three-phase inverter drive for small power (1.5 kW) motor control.
Fig. 1 PACKAGE OUTLINES
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21205
TRANSFER-MOLD TYPE
INSULATED TYPE
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
• For upper-leg IGBTS : Drive circuit, High voltage isolated high-speed level shifting, Control circuit under-voltage (UV) protection.
Note : Bootstrap supply scheme can be applied (Fig. 2).
• For lower-leg IGBTS : Drive circuit, Control curcuit under-voltage protection (UV), Short circuit protection (SC). (Fig. 3)
• Fault signaling : Corresponding to a SC fault (Low-side IGBT) or a UV fault (Low-side supply).
• Input interface : 5V line CMOS/TTL compatible, Schmitt Trigger receiver circuit.
26
21
20
19
24
18
17
25
16
23
15
22
14
13
11 12
10
9
8
7
6
5
4
3
2
2.8
1
3.8
20
79
2-
φ4.5
67
10
10
10
1. UP
TERMINALS CODE
4. VUFS
7. VVFB
10. VP1
13. VWFS 16. CIN 19. UN
22. P
25. W
2. VP1
5. VP
8. VVFS
11. VPC
14. VN1
17. CFO 20. VN
23. U
26. N
3. VUFB
6. VP1
9. WP
12. VWFB 15. VNC
18. Fo
21. WN
24. V


Similar Part No. - PS21205

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21205

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com