Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21312 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PS21312
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21312 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PS21312 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21312 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21312
TRANSFER-MOLD TYPE
INSULATED TYPE
Aug. 1999
Fig. 5 TIMING CHARTS OF THE DIP-IPM PROTECTIVE FUNCTIONS
[A] Short-Circuit Protection (Lower-arms only)
(For the external shunt resistance and CR connection, please refer to Fig. 3.)
a1. Normal operation : IGBT ON and carrying current.
a2. Short-circuit current detection (SC trigger).
a3. IGBT gate interrupt.
a4. IGBT turns OFF.
a5. FO timer operation starts : The pulse width of the FO signal is set by the external capacitor CFO.
a6. Input “H” : IGBT OFF state.
a7. Input “L” : IGBT ON state, but during the FO active signal the IGBT doesn’t turn ON.
a8. IGBT OFF state.
[B] Under-Voltage Protection (N-side, UVD)
a1. Normal operation : IGBT ON and carrying current.
a2. Under-voltage trip (UVDt).
a3. IGBT OFF inspite of control input condition.
a4. FO timer operation starts : The pulse width of the FO signal is set by the external capacitor CFO.
a5. Under-voltage reset (UVDr).
a6. Normal operation : IGBT ON and carrying current.
Note : The CR time constant safe guards against erroneous SC fault signals resulting from di/dt generated voltages when the IGBT turns ON.
The optimum setting for the CR circuit time constant is 1.5~2.0
µs.
Fault output Fo
Sense voltage of the
shunt resistance
SC reference voltage
CR circuit time constant DELAY (*Note)
Output current Ic(A)
Internal IGBT gate
Protection circuit state
Lower-arms control input
a5
a8
a4
a3
a1
a2
SC
RESET
SET
a7
a6
Fault output Fo (N-side only)
Output current Ic(A)
Control supply voltage VD
Protection circuit state
Control input
a6
a1
a3
a5
a2
RESET
UVDt
UVDr
SET
a4


Similar Part No. - PS21312

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
More results

Similar Description - PS21312

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com