Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BDX Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST7263BDX
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDX Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST7263BDX Datasheet HTML 116Page - STMicroelectronics ST7263BDX Datasheet HTML 117Page - STMicroelectronics ST7263BDX Datasheet HTML 118Page - STMicroelectronics ST7263BDX Datasheet HTML 119Page - STMicroelectronics ST7263BDX Datasheet HTML 120Page - STMicroelectronics ST7263BDX Datasheet HTML 121Page - STMicroelectronics ST7263BDX Datasheet HTML 122Page - STMicroelectronics ST7263BDX Datasheet HTML 123Page - STMicroelectronics ST7263BDX Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
120/145
Figure 66. |VDD-VOH| @ VDD=5 V (low current)
Figure 67. |VDD-VOH| @ VDD=5 V (high current)
Figure 68. |VDD-VOH| @ IIO=2 mA (low current)
Figure
69.
|VDD-VOH| @ IIO=10 mA (high
current)
|Vdd - Voh| (V) at Vdd=5V
0
0.05
0.1
0.15
0.2
0.25
0.3
1
1.5
2
2.5
3
3.5
4
-Iio (mA)
|Vdd - Voh| (V) at Vdd=5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2
7
12
17
-Iio (mA)
|Vdd - Voh| (V) at Iio=-2mA
0.12
0.125
0.13
0.135
0.14
0.145
0.15
0.155
0.16
0.165
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
|Vdd - Voh| (V) at Iio=-10mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com