Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 203Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 204Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 205Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 206Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 207Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 208Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 209Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 210Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
207
•
Single Stepping
Writing a "1" to the XGSS bit will call the RISC core to execute a single instruction. All RISC core
registers will be updated accordingly.
•
Write accesses to the XGCHID register
Three operations can be performed by writing to the XGCHID register:
– Change of channel ID
If a non-zero value is written to the XGCHID while a thread is active (XGCHID
≠ $00), then
the current channel ID will be changed without any influence on the program counter or the
other RISC core registers.
– Start of a thread
If a non-zero value is written to the XGCHID while the XGATE is idle (XGCHID = $00),
then the thread that is associated with the new channel ID will be executed upon leaving
debug mode.
– Termination of a thread
If zero is written to the XGCHID while a thread is active (XGCHID
≠ $00), then the current
thread will be terminated and the XGATE will become idle.
6.6.2
Entering Debug Mode
Debug mode can be entered in four ways:
1. Setting XGDBG to "1"
Writing a "1" to XGDBG and XGDBGM in the same write access causes the XGATE to enter
debug mode upon completion of the current instruction.
NOTE
After writing to the XGDBG bit the XGATE will not immediately enter
debug mode. Depending on the instruction that is executed at this time there
may be a delay of several clock cycles. The XGDBG will read "0" until
debug mode is entered.
2. Software breakpoints
XGATE programs which are stored in the internal RAM allow the use of software breakpoints. A
software breakpoint is set by replacing an instruction of the program code with the "BRK"
instruction.
As soon as the program execution reaches the "BRK" instruction, the XGATE enters debug mode.
Additionally a software breakpoint request is sent to the S12X_DBG module (see section 4.9 of
the S12X_DBG Section).
Upon entering debug mode, the program counter will point to the "BRK" instruction. The other
RISC core registers will hold the result of the previous instruction.
To resume program execution, the "BRK" instruction must be replaced by the original instruction
before leaving debug mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com