Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 212 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 208Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 209Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 210Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 211Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 212Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 213Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 214Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 215Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
212
Freescale Semiconductor
6.8.1.13
Index Register plus Register Offset (IDR)
For load and store instructions (RS, RI) provides a variable offset in a register.
Examples:
LDB
R4,(R1,R2)
; loads a byte from R1+R2 into R4
STW
R4,(R1,R2)
; stores R4 as a word to R1+R2
6.8.1.14
Index Register plus Register Offset with Post-increment (IDR+)
[RS, RI+] provides a variable offset in a register, which is incremented after accessing the memory. In case
of a byte access the index register will be incremented by one. In case of a word access it will be
incremented by two.
Examples:
LDB
R4,(R1,R2+)
; loads a byte from R1+R2 into R4, R2+=1
STW
R4,(R1,R2+)
; stores R4 as a word to R1+R2, R2+=2
6.8.1.15
Index Register plus Register Offset with Pre-decrement (–IDR)
[RS, -RI] provides a variable offset in a register, which is decremented before accessing the memory. In
case of a byte access the index register will be decremented by one. In case of a word access it will be
decremented by two.
Examples:
LDB
R4,(R1,-R2)
; R2 -=1, loads a byte from R1+R2 into R4
STW
R4,(R1,-R2)
; R2 -=2, stores R4 as a word to R1+R2
6.8.2
Instruction Summary and Usage
6.8.2.1
Load & Store Instructions
Any register can be loaded either with an immediate or from the address space using indexed addressing
modes.
LDL
RD,#IMM8
; loads an immediate 8 bit value to the lower byte of RD
LDW
RD,(RB,RI)
; loads data using RB+RI as effective address
LDB
RD,(RB, RI+)
; loads data using RB+RI as effective address
; followed by an increment of RI depending on
; the size of the operation
The same set of modes is available for the store instructions
STB
RS,(RB, RI)
; stores data using RB+RI as effective address
STW
RS,(RB, RI+)
; stores data using RB+RI as effective address
; followed by an increment of RI depending on
; the size of the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com