Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 268Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 269Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 270Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 271Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 272Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 273Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 274Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 275Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
272
Freescale Semiconductor
Operation
n = RS or IMM4
Rotates the bits in register RD n positions to the right. The upper n bits of the register RD are filled with
the lower n bits. Two source forms are available. In the first form, the parameter n is contained in the
instruction code as an immediate operand. In the second form, the parameter is contained in the lower bits
of the source register RS[3:0]. All other bits in RS are ignored. If n is zero no shift will take place and the
register RD will be unaffected; however, the condition code flags will be updated.
CCR Effects
Code and CPU Cycles
ROR
Rotate Right
ROR
NZ
V
C
∆∆
0—
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
ROR RD, #IMM4
IMM4
0
0
0
0
1
RD
IMM4
1
1
1
1
P
ROR RD, RS
DYA
0
0
0
0
1
RD
RS
1
0
1
1
1
P
RD
n bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com