Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 337 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
337
7.3.2.19
16-Bit Modulus Down-Counter Control Register (MCCTL)
Read: Anytime
Write: Anytime
All bits reset to zero.
76543210
R
MCZI
MODMC
RDMCL
00
MCEN
MCPR1
MCPR0
W
ICLAT
FLMC
Reset
00000000
Figure 7-41. 16-Bit Modulus Down-Counter Control Register (MCCTL)
Table 7-22. MCCTL Field Descriptions
Field
Description
7
MCZI
Modulus Counter Underflow Interrupt Enable
0 Modulus counter interrupt is disabled.
1 Modulus counter interrupt is enabled.
6
MODMC
Modulus Mode Enable
0 The modulus counter counts down from the value written to it and will stop at 0x0000.
1 Modulus mode is enabled. When the modulus counter reaches 0x0000, the counter is loaded with the latest
value written to the modulus count register.
Note: For proper operation, the MCEN bit should be cleared before modifying the MODMC bit in order to reset
the modulus counter to 0xFFFF.
5
RDMCL
Read Modulus Down-Counter Load
0 Reads of the modulus count register (MCCNT) will return the present value of the count register.
1 Reads of the modulus count register (MCCNT) will return the contents of the load register.
4
ICLAT
Input Capture Force Latch Action — When input capture latch mode is enabled (LATQ and BUFEN bit in
ICSYS are set), a write one to this bit immediately forces the contents of the input capture registers TC0 to TC3
and their corresponding 8-bit pulse accumulators to be latched into the associated holding registers. The pulse
accumulators will be automatically cleared when the latch action occurs.
Writing zero to this bit has no effect. Read of this bit will always return zero.
3
FLMC
Force Load Register into the Modulus Counter Count Register — This bit is active only when the modulus
down-counter is enabled (MCEN = 1).
A write one into this bit loads the load register into the modulus counter count register (MCCNT). This also resets
the modulus counter prescaler.
Write zero to this bit has no effect. Read of this bit will return always zero.
2
MCEN
Modulus Down-Counter Enable
0 Modulus counter disabled. The modulus counter (MCCNT) is preset to 0xFFFF. This will prevent an early
interrupt flag when the modulus down-counter is enabled.
1 Modulus counter is enabled.
1:0
MCPR[1:0]
Modulus Counter Prescaler Select — These two bits specify the division rate of the modulus counter prescaler
when PRNT of TSCR1 is set to 0. The newly selected prescaler division rate will not be effective until a load of
the load register into the modulus counter count register occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com