Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 348 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 348 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 347Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 348Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 349Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 350Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 351Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 352Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
348
Freescale Semiconductor
7.3.2.30
Modulus Down-Counter Count Register (MCCNT)
Read: Anytime
Write: Anytime.
All bits reset to one.
A full access for the counter register will take place in one clock cycle.
NOTE
A separate read/write for high byte and low byte will give different results
than accessing them as a word.
If the RDMCL bit in MCCTL register is cleared, reads of the MCCNT register will return the present value
of the count register. If the RDMCL bit is set, reads of the MCCNT will return the contents of the load
register.
If a 0x0000 is written into MCCNT when LATQ and BUFEN in ICSYS register are set, the input capture
and pulse accumulator registers will be latched.
With a 0x0000 write to the MCCNT, the modulus counter will stay at zero and does not set the MCZF flag
in MCFLG register.
If the modulus down counter is enabled (MCEN = 1) and modulus mode is enabled (MODMC = 1), a write
to MCCNT will update the load register with the value written to it. The count register will not be updated
with the new value until the next counter underflow.
If modulus mode is not enabled (MODMC = 0), a write to MCCNT will clear the modulus prescaler and
will immediately update the counter register with the value written to it and down-counts to 0x0000 and
stops.
The FLMC bit in MCCTL can be used to immediately update the count register with the new value if an
immediate load is desired.
15
14
13
12
11
10
9
8
R
MCCNT15
MCCNT14
MCCNT13
MCCNT12
MCCNT11
MCCNT10
MCCNT9
MCCNT8
W
Reset
11111111
Figure 7-55. Modulus Down-Counter Count Register High (MCCNT)
76543210
R
MCCNT7
MCCNT6
MCCNT5
MCCNT4
MCCNT3
MCCNT2
MCCNT1
MCCNT9
W
Reset
11111111
Figure 7-56. Modulus Down-Counter Count Register Low (MCCNT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com