Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC912XDP512F0CFVR Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 177Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 178Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 179Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 180Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 181Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 182Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 183Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 184Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1350 page
background image
Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
181
5.4.2
Digital Sub-Block
This subsection explains some of the digital features in more detail. See register descriptions for all details.
5.4.2.1
External Trigger Input
The external trigger feature allows the user to synchronize ATD conversions to the external environment
events rather than relying on software to signal the ATD module when ATD conversions are to take place.
The external trigger signal (out of reset ATD channel 7, configurable in ATDCTL1) is programmable to
be edge or level sensitive with polarity control. Table 5-23 gives a brief description of the different
combinations of control bits and their effect on the external trigger function.
During a conversion, if additional active edges are detected the overrun error flag ETORF is set.
In either level or edge triggered modes, the first conversion begins when the trigger is received. In both
cases, the maximum latency time is one bus clock cycle plus any skew or delay introduced by the trigger
circuitry.
NOTE
The conversion results for the external trigger ATD channel 7 have no
meaning while external trigger mode is enabled.
Once ETRIGE is enabled, conversions cannot be started by a write to ATDCTL5, but rather must be
triggered externally.
If the level mode is active and the external trigger both de-asserts and re-asserts itself during a conversion
sequence, this does not constitute an overrun; therefore, the flag is not set. If the trigger is left asserted in
level mode while a sequence is completing, another sequence will be triggered immediately.
Table 5-23. External Trigger Control Bits
ETRIGLE
ETRIGP
ETRIGE
SCAN
Description
X
X
0
0
Ignores external trigger. Performs one
conversion sequence and stops.
X
X
0
1
Ignores external trigger. Performs
continuous conversion sequences.
0
0
1
X
Falling edge triggered. Performs one
conversion sequence per trigger.
0
1
1
X
Rising edge triggered. Performs one
conversion sequence per trigger.
1
0
1
X
Trigger active low. Performs
continuous conversions while trigger
is active.
1
1
1
X
Trigger active high. Performs
continuous conversions while trigger
is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com