Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312XDP512F0CFVR Datasheet(PDF) 311 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 311 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 307Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 308Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 309Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 310Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 311Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 312Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 313Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 314Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 315Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
311
7.2
External Signal Description
The ECT module has a total of eight external pins.
7.2.1
IOC7 — Input Capture and Output Compare Channel 7
This pin serves as input capture or output compare for channel 7.
7.2.2
IOC6 — Input Capture and Output Compare Channel 6
This pin serves as input capture or output compare for channel 6.
7.2.3
IOC5 — Input Capture and Output Compare Channel 5
This pin serves as input capture or output compare for channel 5.
7.2.4
IOC4 — Input Capture and Output Compare Channel 4
This pin serves as input capture or output compare for channel 4.
7.2.5
IOC3 — Input Capture and Output Compare Channel 3
This pin serves as input capture or output compare for channel 3.
7.2.6
IOC2 — Input Capture and Output Compare Channel 2
This pin serves as input capture or output compare for channel 2.
7.2.7
IOC1 — Input Capture and Output Compare Channel 1
This pin serves as input capture or output compare for channel 1.
7.2.8
IOC0 — Input Capture and Output Compare Channel 0
This pin serves as input capture or output compare for channel 0.
NOTE
For the description of interrupts see Section 7.4.3, “Interrupts”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com