Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS41 Datasheet(PDF) 243 Page - Toshiba Semiconductor

Part # TMP93CS41
Description  CMOS 16-Bit Microcontroller
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS41 Datasheet(HTML) 243 Page - Toshiba Semiconductor

Back Button TMP93CS41 Datasheet HTML 239Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 240Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 241Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 242Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 243Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 244Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 245Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 246Page - Toshiba Semiconductor TMP93CS41 Datasheet HTML 247Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 248 page
background image
TMP93CS40/TMP93CS41
2004-02-10
93CS40-241
7.
Points of Note and Restrictions
(1) Notation
1. How a built-in I/O register is denoted: Register symbol<Bit symbol>
e.g.)
TRUN<T0RUN>
… Bit T0RUN of register TRUN
2. Read-modify-write instruction
An instruction in which the CPU reads data from memory and writes the data to the
same memory location in one instruction.
Example 1:
SET
3, (TRUN)
… Set bit3 of TRUN
Example 2:
INC
1, (100H)
… Increment the data at 100H
•
A sample read-modify-write instructions using the TLCS-900
Exchange instruction
EX
(mem), R
Arithmetic operation
ADD (mem), R/#
ADC (mem), R/#
SUB (mem), R/#
SBC (mem), R/#
INC #3, (mem)
DEC #3, (mem)
Logic operation
AND (mem), R/#
OR (mem), R/#
XOR (mem), R/#
Bit manipulation
STCF #3/A, (mem)
RES #3, (mem)
SET #3, (mem)
CHG #3, (mem)
TSET #3, (mem)
Rotate, Shift
RLC (mem)
RRC (mem)
RL
(mem)
RR (mem)
SLA (mem)
SRA (mem)
SLL (mem)
SRL (mem)
RLD (mem)
RRD (mem)
3. fc, fFPH, fSYS, one state
The clock frequency input from pins X1 and X2 is called fc, the clock selected by
SYSCR<SYSCK> is called fFPH, and the clock frequency given by fFPH divided by 2 is
called fSYS. One cycle of fSYS is called one state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com