Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ12 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMZ12
Description  Constant Voltage Regulation Transient Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZ12 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMZ12 Datasheet HTML 1Page - Toshiba Semiconductor CMZ12 Datasheet HTML 2Page - Toshiba Semiconductor CMZ12 Datasheet HTML 3Page - Toshiba Semiconductor CMZ12 Datasheet HTML 4Page - Toshiba Semiconductor CMZ12 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMZ12~CMZ53
2006-11-09
1
TOSHIBA Zener Diode Silicon Diffused Type
CMZ12~CMZ53
Applications:
Communication, Control and
Measurement Equipment
Constant Voltage Regulation
Transient Suppressors
• Average power dissipation
: P = 2.0 W
• Zener voltage
: VZ = 12 V ~ 53 V
• Suitable for compact assembly due to small surface-mount package
“M−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power dissipation
P
2.0 (Note 1)
W
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note 1: Ta
= 30°C
Device mounted on a ceramic board
Board size: 50 mm
× 50 mm
Soldering size: 2 mm
× 2 mm
Board thickness: 0.64 t
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Standard Soldering Pad
Unit: mm
JEDEC
JEITA
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)
3.0
1.4
Unit: mm
1.4


Similar Part No. - CMZ12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
logo
Toshiba Semiconductor
CMZ12A TOSHIBA-CMZ12A Datasheet
266Kb / 6P
   Zener Diode Silicon Epitaxial Planar
2024-09-05 Rev.1.0
More results

Similar Description - CMZ12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
   DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
   CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
   Constant Voltage Regulator Transient Suppressors
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com