Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMZ12 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMZ12
Description  Constant Voltage Regulation Transient Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZ12 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMZ12 Datasheet HTML 1Page - Toshiba Semiconductor CMZ12 Datasheet HTML 2Page - Toshiba Semiconductor CMZ12 Datasheet HTML 3Page - Toshiba Semiconductor CMZ12 Datasheet HTML 4Page - Toshiba Semiconductor CMZ12 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMZ12~CMZ53
2006-11-09
3
Handling Precaution
1) The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we
recommend when you design a circuit with a device.
P
: We recommend that the worst case power dissipation be no greater than 50% of the
absolute maximum rating of power dissipation. Carry out adequate heat design.
PRSM : We recommend that a device be used within the recommended area in thefigure,
PRSM-tw.
Tj
: Derate this rating when using a device in order to ensure high reliability.
We recommend that the device be used at a Tj of below 120°C.
2) Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition.
When using a device, design a circuit board and a soldering land size to match the appropriate thermal
resistance value.
3) Please refer to the Rectifiers databook for further information.


Similar Part No. - CMZ12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
Constant Voltage Regulator Transient Suppressors
logo
Toshiba Semiconductor
CMZ12A TOSHIBA-CMZ12A Datasheet
266Kb / 6P
Zener Diode Silicon Epitaxial Planar
2024-09-05 Rev.1.0
More results

Similar Description - CMZ12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
U2Z12 TOSHIBA-U2Z12 Datasheet
97Kb / 3P
CONSTANT VOLTAGE REGULATION INDUSTRIAL USE TRANSIENT SUPPRESSORS NOISE LIMITTER
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
Constant Voltage Regulator Transient Suppressors
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
1Z62 TAYCHIPST-1Z62 Datasheet
4Mb / 2P
CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
DIODE (CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com