Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP624 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP624
Description  Programmable Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP624 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP624 Datasheet HTML 1Page - Toshiba Semiconductor TLP624 Datasheet HTML 2Page - Toshiba Semiconductor TLP624 Datasheet HTML 3Page - Toshiba Semiconductor TLP624 Datasheet HTML 4Page - Toshiba Semiconductor TLP624 Datasheet HTML 5Page - Toshiba Semiconductor TLP624 Datasheet HTML 6Page - Toshiba Semiconductor TLP624 Datasheet HTML 7Page - Toshiba Semiconductor TLP624 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP624,TLP624
−2,TLP624−4
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500V
5
×1010
10
14
AC, 1minute
5000
AC, 1second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
8
Fall time
tf
8
Turn
−on time
ton
10
Turn
−off time
toff
VCC = 10V, IC = 2mA
RL = 100Ω
8
μs
Turn
−on time
tON
10
Storage time
tS
50
Turn
−off time
TOFF
RL = 4.7 kΩ (Fig.1)
VCC = 5 V, IF = 1.6mA
300
μs
Fig. 1 Switching time test circuit
IF
RL
VCC
VCE
VCE
tON
IF
tOFF
VCC
4.5V
0.5V
tS


Similar Part No. - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP624 ISOCOM-TLP624 Datasheet
752Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP624

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
PROGRAMMABLE CONTROLLERS
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
Programmable Controllers
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
Programmable Controllers
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
CJ1 Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com