Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1734 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SA1734
Description  Power Amplifier Applications Power Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1734 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SA1734_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1734_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1734_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1734_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1734_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1734
2006-11-09
4
PC – Ta
Collector-emitter voltage VCE (V)
IC – VBE
Safe Operating Area
Base-emitter voltage VBE (V)
Ambient temperature Ta (°C)
0
−1.6
−0.8
−0.4
0
−0.4
−1.2
Common emitter
VCE = −2 V
−0.8
−1.2
−25
Ta
= 100°C
−0.2
−0.6
−2.0
−1.0
25
(1)
0
160
100
140
40
80
0
0.6
0.2
0.8
0.4
1.2
20
(1) Mounted on a ceramic
substrate (250 mm
2
× 0.8 t)
(2) No heat sink
(2)
1.0
60
120
−0.1
−10
−1
−0.3
−1
−10
−3
−0.01
−5
−30
−0.005
−0.03
IC max (pulse)*
IC max (continuous)
100 ms*
10 ms*
*t
= 1 ms
VCEO
max
−0.1
−3
−0.3
−100
*: Single nonrepetitive pulse
Ta
= 25°C
**: Mounted on a ceramic substrate.
Curves must be derated linearly with
increase in temperature.
**: DC operation
40
× 50 × 0.8 t
**: DC operation
250 mm
2 × 0.8 t
DC operation Ta
= 25°C


Similar Part No. - 2SA1734_07

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1734 KEXIN-2SA1734_15 Datasheet
968Kb / 3P
PNP Transistors
More results

Similar Description - 2SA1734_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power switching applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com