Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSV80X Datasheet(PDF) 139 Page - STMicroelectronics

Part # LSM6DSV80X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for wearables and sport trackers
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV80X Datasheet(HTML) 139 Page - STMicroelectronics

Back Button LSM6DSV80X Datasheet HTML 135Page - STMicroelectronics LSM6DSV80X Datasheet HTML 136Page - STMicroelectronics LSM6DSV80X Datasheet HTML 137Page - STMicroelectronics LSM6DSV80X Datasheet HTML 138Page - STMicroelectronics LSM6DSV80X Datasheet HTML 139Page - STMicroelectronics LSM6DSV80X Datasheet HTML 140Page - STMicroelectronics LSM6DSV80X Datasheet HTML 141Page - STMicroelectronics LSM6DSV80X Datasheet HTML 142Page - STMicroelectronics LSM6DSV80X Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 181 page
background image
13.2
Page 1 - embedded advanced features registers
13.2.1
XL_HG_SENSITIVITY_L (58h) and XL_HG_SENSITIVITY_H (59h)
High-g accelerometer sensitivity value register for the finite state machine and machine learning core (R/W)
This register corresponds to the conversion value of the high-g accelerometer sensor. The register value is
expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10
fraction bits).
The default value of XL_HG_S_[15:0] is 0x051F (expressed in hundreds of g, then 7.8e-5 * [100g]).
Table 368. XL_HG_SENSITIVITY_L register
XL_HG_
S_7
XL_HG_
S_6
XL_HG_
S_5
XL_HG_
S_4
XL_HG_
S_3
XL_HG_
S_2
XL_HG_
S_1
XL_HG_
S_0
Table 369. XL_HG_SENSITIVITY_L register description
XL_HG_S_[7:0]
High-g accelerometer sensitivity (LSbyte). Default value: 00011111
Table 370. XL_HG_SENSITIVITY_H register
XL_HG_
S_15
XL_HG_
S_14
XL_HG_
S_13
XL_HG_
S_12
XL_HG_
S_11
XL_HG_
S_10
XL_HG_
S_9
XL_HG_
S_8
Table 371. XL_HG_SENSITIVITY_H register description
XL_HG_S_[15:8]
High-g accelerometer sensitivity (MSbyte). Default value: 00000101
13.2.2
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)
FSM long counter timeout register (R/W)
The long counter timeout value is an unsigned integer value (16-bit format). When the long counter value reached
this value, the FSM generates an interrupt.
Table 372. FSM_LC_TIMEOUT_L register
FSM_LC_
TIMEOUT7
FSM_LC_
TIMEOUT6
FSM_LC_
TIMEOUT5
FSM_LC_
TIMEOUT4
FSM_LC_
TIMEOUT3
FSM_LC_
TIMEOUT2
FSM_LC_
TIMEOUT1
FSM_LC_
TIMEOUT0
Table 373. FSM_LC_TIMEOUT_L register description
FSM_LC_TIMEOUT[7:0]
FSM long counter timeout value (LSbyte). Default value: 00000000
Table 374. FSM_LC_TIMEOUT_H register
FSM_LC_
TIMEOUT15
FSM_LC_
TIMEOUT14
FSM_LC_
TIMEOUT13
FSM_LC_
TIMEOUT12
FSM_LC_
TIMEOUT11
FSM_LC_
TIMEOUT10
FSM_LC_
TIMEOUT9
FSM_LC_
TIMEOUT8
Table 375. FSM_LC_TIMEOUT_H register description
FSM_LC_TIMEOUT[15:8]
FSM long counter timeout value (MSbyte). Default value: 00000000
LSM6DSV80X
Embedded advanced features register description
DS14764 - Rev 1
page 139/181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com