Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMT718 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # FMT718
Description  Snagless Pre-Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

FMT718 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  FMT718 Datasheet HTML 1Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
724-746-5500
blackbox.com
BLACK BOX®
2 of 2
03/15/2010
#12647
» Quickly organizes your patch systems—
makes relocating workstations a breeze.
» Eleven colors to choose from—
many combinations possible.
FeaTUreS
Snagless Pre-Plugs enable you to easily identify different categories
of cabling—and department and system applications—via a simple
color-coding method.
Color-coding makes moving and troubleshooting less of a puzzle,
since one application can be easily differentiated from another.
Attach Snagless Pre-Plugs before you terminate RJ-45 plugs. They
keep the connectors from snagging when you pull the cable through
tight spaces. Snagless Pre-Plugs cannot be removed after termination.
Each bag includes 50 plugs or boots of the same color.
OVERVIEW
T ec h S P ec S
Connectors — Fits over an RJ-45 connector
Weight — < 0.1 lb. (< 0.1 kg)
Item
Code
Snagless Pre-Plugs (Pack of 50)
Blue
FMT717
Black
FMT718
Green
FMT719
Red
FMT720
Gray
FMT721
Yellow
FMT722
White
FMT723
Purple
FMT724
Pink
FMT734
Beige
FMT735
Orange
FMT736
Recognize any of these situations?
• You wait more than 30 minutes to get through
to a vendor’s tech support.
• The so-called “tech” can’t help you or gives you
the wrong answer.
• You don’t have a purchase order number and the
tech refuses to help you.
• It’s 9 p.m. and you need help, but your vendor’s
tech support line is closed.
According to a survey by Data Communications magazine, 90%
of network managers surveyed say that getting the technical support
they need is extremely important when choosing a vendor. But even
though network managers pay anywhere from 10 to 20% of their
overall purchase price for a basic service and support contract, the
technical support and service they receive falls far short of their
expectations—and certainly isn’t worth what they paid.
At Black Box, we guarantee the best value and the best support.
You can even consult our Technical Support Experts before you buy if
you need help selecting just the right component for your application.
Don’t waste time and money—call Black Box today.
Why Buy From Black Box? Exceptional Value.
Exceptional Tech Support. Period.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com