Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F271E Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST10F271E
Description  16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271E Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST10F271E Datasheet HTML 107Page - STMicroelectronics ST10F271E Datasheet HTML 108Page - STMicroelectronics ST10F271E Datasheet HTML 109Page - STMicroelectronics ST10F271E Datasheet HTML 110Page - STMicroelectronics ST10F271E Datasheet HTML 111Page - STMicroelectronics ST10F271E Datasheet HTML 112Page - STMicroelectronics ST10F271E Datasheet HTML 113Page - STMicroelectronics ST10F271E Datasheet HTML 114Page - STMicroelectronics ST10F271E Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 180 page
background image
ST10F271B/ST10F271E
Programmable output clock divider
111/180
22
Programmable output clock divider
A specific register mapped on the XBUS allows to choose the division factor on the
CLKOUT signal (P3.15). This register is mapped on X-Miscellaneous memory address
range.
When CLKOUT function is enabled by setting bit CLKEN of register SYSCON, by default the
CPU clock is output on P3.15. Setting bit XMISCEN of register XPERCON and bit XPEN of
register SYSCON, it is possible to program the clock prescaling factor: in this way on P3.15
a prescaled value of the CPU clock can be output.
When CLKOUT function is not enabled (bit CLKEN of register SYSCON cleared), P3.15
does not output any clock signal, even though XCLKOUTDIV register is programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com