Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7-STICK45 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7-STICK45
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-STICK45 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7-STICK45 Datasheet HTML 106Page - STMicroelectronics ST7-STICK45 Datasheet HTML 107Page - STMicroelectronics ST7-STICK45 Datasheet HTML 108Page - STMicroelectronics ST7-STICK45 Datasheet HTML 109Page - STMicroelectronics ST7-STICK45 Datasheet HTML 110Page - STMicroelectronics ST7-STICK45 Datasheet HTML 111Page - STMicroelectronics ST7-STICK45 Datasheet HTML 112Page - STMicroelectronics ST7-STICK45 Datasheet HTML 113Page - STMicroelectronics ST7-STICK45 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
110/124
Figure 87. 16-Pin Plastic Dual In-Line Package, 300-mil Width
Figure 88. 16-Pin Plastic Small Outline Package, 150-mil Width
Dim
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
5.33
0.2098
A1
0.38
0.0150
A2
2.92
3.30
4.95
0.1150 0.1299 0.1949
b
0.36
0.46
0.56
0.0142 0.0181 0.0220
b2
1.14
1.52
1.78
0.0449 0.0598 0.0701
b3
0.76
0.99
1.14
0.0299 0.0390 0.0449
c
0.20
0.25
0.36
0.0079 0.0098 0.0142
D
18.67 19.18 19.69 0.7350 0.7551 0.7752
D1
0.13
0.0051
e
2.54
0.1000
E
7.62
7.87
8.26
0.3000 0.3098 0.3252
E1
6.10
6.35
7.11
0.2402 0.2500 0.2799
L
2.92
3.30
3.81
0.1150 0.1299 0.1500
eB
10.92
0.4299
Number of Pins
N
16
c
E
E1
eB
L
A
A2
A1
e
b
b2
b3
D1
D
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 4 decimal digits.
Min Typ Max
Min
Typ
Max
A
1.35
1.75 0.0531
0.0689
A1
0.10
0.25 0.0039
0.0098
B
0.33
0.51 0.0130
0.0201
C
0.19
0.25 0.0075
0.0098
D
9.80
10.0
0
0.3858
0.3937
E
3.80
4.00 0.1496
0.1575
e
1.27
0.0500
H
5.80
6.20 0.2283
0.2441
α
0°
8°
0°
8°
L
0.40
1.27 0.0157
0.0500
Number of Pins
N
16
E
H
A1
C
α
45×
A
A1
B
D
e
16
9
1
8
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com