Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7-STICK45 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7-STICK45
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-STICK45 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7-STICK45 Datasheet HTML 116Page - STMicroelectronics ST7-STICK45 Datasheet HTML 117Page - STMicroelectronics ST7-STICK45 Datasheet HTML 118Page - STMicroelectronics ST7-STICK45 Datasheet HTML 119Page - STMicroelectronics ST7-STICK45 Datasheet HTML 120Page - STMicroelectronics ST7-STICK45 Datasheet HTML 121Page - STMicroelectronics ST7-STICK45 Datasheet HTML 122Page - STMicroelectronics ST7-STICK45 Datasheet HTML 123Page - STMicroelectronics ST7-STICK45 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
122/124
17 REVISION HISTORY
Table 25. Revision History
Date
Revision
Description of changes
27-Oct-04
3
Revision number incremented from 2.5 to 3.0 due to Internal Document Management Sys-
tem change
Changed all references of ADCDAT to ADCDR
Added EMU3 Emulator Programming Capability in Table 23
Clarification of read-out protection
Altered note 1 for section 13.2.3 on page 82 removing references to RESET
Alteration of fCPU for SLOW and SLOW-WAIT modes in Section 13.4.1 table and Figure 59
on page 90
Removed sentence relating to an effective change only after overflow for CK[1:0], page 56
Added illegal opcode detection to page 1, section 8.4 on page 32, section 12 on page 75
Clarification of Flash read-out protection, section 4.5.1 on page 15
fPLL value of 1MHz quoted as Typical instead of a Minimum in section 14.3.5.2 on page 92
Updated FSCK in section 13.10.1 on page 102 to FCPU/4 and FCPU/2
section 8.4.4 on page 36: Changed wording in AVDIE and AVDF bit descriptions to “...when
the AVDF bit is set”
Socket Board development kit details added in Table 24 on page 115
PWM Signal diagram corrected, Figure 36 on page 55
Corrected count of reserved bits between 003Bh to 007Fh, Table 2 on page 11
Inserted note that RCCR0 and RCCR1 are erased if read-only flag is reset, section 7.1 on
page 24
21-July-06
4
Added QFN20 package
Modified section 2 on page 6
Changed Read operation paragraph in section 5.3 on page 17
Modified note below Figure 9 on page 18 and modified section 5.5 on page 19
Modified note to section 7.1 on page 24
Added note on illegal opcode reset to section 7.4.1 on page 27
Added note 2 to EICR description on page 31
Modified External Interrupt Function in section 10.2.1 on page 42
Changed text on input capture before section 11.1.4 on page 51
Modified text in section 11.1.5 on page 51
Added important note in section 11.3.3.3 on page 62
Changed note 1 in section 13.2 on page 82
Modified values in section 13.2.2 on page 82
Modified note 2 in section 13.3.4.1 on page 85 and section 13.3.4.2 on page 86
Added note on clock stability and frequency accuracy to section 13.3.4.1 on page 85, section
13.3.4.2 on page 86, section 7.1 on page 24 and to OSC option bit in Section 15.1 on page
113
Changed IS value and note 2 in section 13.8.1 on page 95
Added note in Figure 62 on page 95
Changed Figure 76 on page 101 and removed EMC protection circuitry in Figure 77 on page
101 (device works correctly without these components)
Changed section 13.10.1 on page 102 (tsu(SS), tv(MO) and th(MO))
Modified Figure 79 (CPHA=1) and Figure 80 on page 103 (tv(MO) , th(MO))
Added ECOPACK information to section 14 on page 109
Modified Figure 88 on page 110 (A1 and A swapped in the diagram)
Modified Table 21 on page 112
Modified section 15.2 on page 114
Updated option list on page 116
Changed section 15.3 on page 117
Removed erratasheet section
Added Section 16.4 and section 16.5 on page 121
Revision History continued overleaf ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com