| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 115 Page - STMicroelectronics |
|
115 / 232 page ![]() DS12288 Rev 1 115/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in Table 39. The MCU is placed under the following conditions: • All I/O pins are in Analog mode • The given value is calculated by measuring the difference of the current consumptions: – when the peripheral is clocked on – when the peripheral is clocked off • Ambient operating temperature and supply voltage conditions summarized in Table 14: Voltage characteristics • The power consumption of the digital part of the on-chip peripherals is given in Table 39. The power consumption of the analog part of the peripherals (where applicable) is indicated in each related section of the datasheet. Table 38. Peripheral current consumption Bus Peripheral Range 1 Boost mode Range 1 Normal mode Range 2 Low-power run and sleep Unit - Bus Matrix 6.12 5.69 4.70 6.11 µA/MHz AHB1 to APB1 bridge 0.26 0.25 0.22 0.03 AHB1 to APB2 bridge 0.39 0.37 0.32 0.03 FSMC 10.21 9.52 7.87 10.28 QUADSPI 3.51 3.27 2.69 3.51 AHB1 CORDIC 1.28 1.19 0.98 0.78 µA/MHz CRC 0.74 0.68 0.57 0.63 DMA 1 2.83 2.64 2.17 2.75 DMA 2 3.11 2.90 2.39 2.43 DMAMUX 6.71 6.26 5.17 6.68 SRAM1 0.58 0.54 0.44 0.54 FLASH 6.46 6.01 4.95 6.15 FMAC 4.59 4.29 3.57 3.83 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |