| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 121 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 121 Page - STMicroelectronics |
|
121 / 232 page ![]() DS12288 Rev 1 121/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.3.7 External clock source characteristics High-speed external user clock generated from an external source In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO. The external clock signal has to respect the I/O characteristics in Section 5.3.14. However, the recommended clock input waveform is shown in Figure 18: High-speed external clock source AC timing diagram. Table 40. Regulator modes transition times(1) Symbol Parameter Conditions Typ Max Unit tVOST Regulator transition time from Range 2 to Range 1 or Range 1 to Range 2(2) Wakeup clock HSI16 = 16 MHz with HPRE = 8 20 40 μs 1. Guaranteed by characterization results. 2. Time until VOSF flag is cleared in PWR_SR2. Table 41. Wakeup time using USART/LPUART(1) Symbol Parameter Conditions Typ Max Unit tWUUSART tWULPUART Wakeup time needed to calculate the maximum USART/LPUART baudrate allowing to wakeup up from stop mode when USART/LPUART clock source is HSI16 Stop 0 mode - 1.7 μs Stop 1 mode - 8.5 1. Guaranteed by design. Table 42. High-speed external user clock characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fHSE_ext User external clock source frequency Voltage scaling Range 1 -8 48 MHz Voltage scaling Range 2 -8 26 VHSEH OSC_IN input pin high level voltage - 0.7 VDD -VDD V VHSEL OSC_IN input pin low level voltage -VSS -0.3 VDD tw(HSEH) tw(HSEL) OSC_IN high or low time Voltage scaling Range 1 7- - ns Voltage scaling Range 2 18 - - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |