| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 129 Page - STMicroelectronics |
|
129 / 232 page ![]() DS12288 Rev 1 129/232 STM32G474xB STM32G474xC STM32G474xE Electrical characteristics 201 5.3.9 PLL characteristics The parameters given in Table 49 are derived from tests performed under temperature and VDD supply voltage conditions summarized in Table 17: General operating conditions. tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency - 125 180 μs IDD(LSI)(2) LSI oscillator power consumption -- 110 180 nA 1. Guaranteed by characterization results. 2. Guaranteed by design. Table 48. LSI oscillator characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit Table 49. PLL characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fPLL_IN PLL input clock(2) 2. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. -2.66 - 16 MHz PLL input clock duty cycle - 45 - 55 % fPLL_P_OUT PLL multiplier output clock P Voltage scaling Range 1 Boost mode 2.0645 - 170 MHz Voltage scaling Range 1 2.0645 - 150 Voltage scaling Range 2 2.0645 - 26 fPLL_Q_OUT PLL multiplier output clock Q Voltage scaling Range 1 Boost mode 8- 170 Voltage scaling Range 1 8 - 150 Voltage scaling Range 2 8 - 26 fPLL_R_OUT PLL multiplier output clock R Voltage scaling Range 1 Boost mode 8- 170 Voltage scaling Range 1 8 - 150 Voltage scaling Range 2 8 - 26 fVCO_OUT PLL VCO output Voltage scaling Range 1 96 - 344 Voltage scaling Range 2 96 - 128 tLOCK PLL lock time - - 15 40 μs Jitter RMS cycle-to-cycle jitter System clock 150 MHz - 28.6 - ±ps RMS period jitter - 21.4 - IDD(PLL) PLL power consumption on VDD(1) VCO freq = 96 MHz - 200 260 μA VCO freq = 192 MHz - 300 380 VCO freq = 344 MHz - 520 650 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |