| Electronic Components Datasheet Search |
|
STM32G474RC Datasheet(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474RC Datasheet(HTML) 148 Page - STMicroelectronics |
|
148 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 148/232 DS12288 Rev 1 Table 71. ADC accuracy - limited test conditions 1(1)(2)(3) Symbol Parameter Conditions(4) Min Typ Max Unit ET Total unadjusted error Single ADC operation ADC clock frequency ≤ 60 MHz, VDDA = VREF+ = 3 V, TA = 25 °C Continuous mode, sampling rate: Fast channels@4Msps Slow channels@2Msps Single ended Fast channel (max speed) - 5.9 6.9 LSB Slow channel (max speed) - 5.5 6.9 Differential Fast channel (max speed) - 4.6 5.6 Slow channel (max speed) - 4 5.6 EO Offset error Single ended Fast channel (max speed) - 2.5 4 Slow channel (max speed) - 1.9 4 Differential Fast channel (max speed) - 1.8 2.8 Slow channel (max speed) - 1.1 2.8 EG Gain error Single ended Fast channel (max speed) - 4.6 6.6 Slow channel (max speed) - 4.5 6.6 Differential Fast channel (max speed) - 3.6 4.6 Slow channel (max speed) - 3.3 4.6 ED Differential linearity error Single ended Fast channel (max speed) - 1.1 1.9 Slow channel (max speed) - 1.3 1.9 Differential Fast channel (max speed) - 1.3 1.6 Slow channel (max speed) - 1.4 1.6 EL Integral linearity error Single ended Fast channel (max speed) - 2.3 3.4 Slow channel (max speed) - 2.4 3.4 Differential Fast channel (max speed) - 2.1 3.2 Slow channel (max speed) - 2.2 3.2 ENOB Effective number of bits Single ended Fast channel (max speed) 10.4 10.6 - bits Slow channel (max speed) 10.4 10.6 - Differential Fast channel (max speed) 10.8 10.9 - Slow channel (max speed) 10.8 10.9 - SINAD Signal-to- noise and distortion ratio Single ended Fast channel (max speed) 64.4 65.6 - dB Slow channel (max speed) 64.4 65.6 - Differential Fast channel (max speed) 66.8 67.5 - Slow channel (max speed) 66.8 67.5 - SNR Signal-to- noise ratio Single ended Fast channel (max speed) 65 66.9 - Slow channel (max speed) 65 66.9 - Differential Fast channel (max speed) 67 69 - Slow channel (max speed) 67 69 - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |