Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TV/ML Datasheet(PDF) 125 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 125 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 121Page - Microchip Technology LAN9252TV/ML Datasheet HTML 122Page - Microchip Technology LAN9252TV/ML Datasheet HTML 123Page - Microchip Technology LAN9252TV/ML Datasheet HTML 124Page - Microchip Technology LAN9252TV/ML Datasheet HTML 125Page - Microchip Technology LAN9252TV/ML Datasheet HTML 126Page - Microchip Technology LAN9252TV/ML Datasheet HTML 127Page - Microchip Technology LAN9252TV/ML Datasheet HTML 128Page - Microchip Technology LAN9252TV/ML Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 125
LAN9252
During reception of IDLE (/I/) symbols. the descrambler synchronizes its descrambler key to the incoming stream. Once
synchronization is achieved, the descrambler locks on this key and is able to descramble incoming data.
Special logic in the descrambler ensures synchronization with the remote transceiver by searching for IDLE symbols
within a window of 4000 bytes (40 us). This window ensures that a maximum packet size of 1514 bytes, allowed by the
IEEE 802.3 standard, can be received with no interference. If no IDLE-symbols are detected within this time-period,
receive operation is aborted and the descrambler re-starts the synchronization process.
The de-scrambled signal is then aligned into 5-bit code-groups by recognizing the /J/K/ Start-of-Stream Delimiter (SSD)
pair at the start of a packet. Once the code-word alignment is determined, it is stored and utilized until the next start of
frame.
11.2.3.5
5B/4B Decoding
The 5-bit code-groups are translated into 4-bit data nibbles according to the 4B/5B table. The translated data is pre-
sented on the internal MII RXD[3:0] signal lines. The SSD, /J/K/, is translated to “0101 0101” as the first 2 nibbles of the
MAC preamble. Reception of the SSD causes the transceiver to assert the receive data valid signal, indicating that valid
data is available on the RXD bus. Successive valid code-groups are translated to data nibbles. Reception of either the
End of Stream Delimiter (ESD) consisting of the /T/R/ symbols, or at least two /I/ symbols causes the transceiver to de-
assert carrier sense and receive data valid signal.
11.2.3.6
Receive Data Valid Signal
The internal MII’s Receive Data Valid signal (RXDV) indicates that recovered and decoded nibbles are being presented
on the RXD[3:0] outputs synchronous to RXCLK. RXDV becomes active after the /J/K/ delimiter has been recognized
and RXD is aligned to nibble boundaries. It remains active until either the /T/R/ delimiter is recognized or link test indi-
cates failure or SIGDET becomes false.
RXDV is asserted when the first nibble of translated /J/K/ is ready for transfer over the Media Independent Interface.
11.2.3.7
Receiver Errors
During a frame, unexpected code-groups are considered receive errors. Expected code groups are the DATA set (0
through F), and the /T/R/ (ESD) symbol pair. When a receive error occurs, the internal MII’s RXER signal is asserted
and arbitrary data is driven onto the internal MII’s RXD[3:0] lines. Should an error be detected during the time that the /
J/K/ delimiter is being decoded (bad SSD error), RXER is asserted true and the value 1110b is driven onto the RXD[3:0]
lines. Note that the internal MII’s data valid signal (RXDV) is not yet asserted when the bad SSD occurs.
11.2.3.8
100M Receive Data Across the Internal MII Interface
For reception, the 4-bit data nibbles are sent to the MII MAC Interface block. These data nibbles are clocked to the con-
troller at a rate of 25 MHz. RXCLK is the output clock for the internal MII bus. It is recovered from the received data to
clock the RXD bus. If there is no received signal, it is derived from the system reference clock.
11.2.4
AUTO-NEGOTIATION
The purpose of the Auto-Negotiation function is to automatically configure the transceiver to the optimum link parame-
ters based on the capabilities of its link partner. Auto-Negotiation is a mechanism for exchanging configuration informa-
tion between two link-partners and automatically selecting the highest performance mode of operation supported by
both sides. Auto-Negotiation is fully defined in clause 28 of the IEEE 802.3 specification and is enabled by setting the
Auto-Negotiation Enable (PHY_AN) of the PHY x Basic Control Register (PHY_BASIC_CONTROL_x).
The advertised capabilities of the PHY are stored in the PHY x Auto-Negotiation Advertisement Register (PHY_AN_AD-
V_x). The PHY contains the ability to advertise 100BASE-TX and 10BASE-T in both full or half-duplex modes. Besides
the connection speed, the PHY can advertise remote fault indication and symmetric or asymmetric pause flow control
as defined in the IEEE 802.3 specification. The transceiver supports “Next Page” capability which is used to negotiate
Energy Efficient Ethernet functionality as well as to support software controlled pages. Many of the default advertised
capabilities of the PHY are determined via configuration straps as shown in Section 11.2.16.5, "PHY x Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)," on page 150. Refer to Section 7.0, "Configuration Straps," on page 51 for
additional details on how to use the device configuration straps.
Note:
These symbols are not translated into data.
Note:
Auto-Negotiation is not used for 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com