Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ32 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVQ32
Description  QUAD 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ32 Datasheet(HTML) 5 Page - STMicroelectronics

  74LVQ32 Datasheet HTML 1Page - STMicroelectronics 74LVQ32 Datasheet HTML 2Page - STMicroelectronics 74LVQ32 Datasheet HTML 3Page - STMicroelectronics 74LVQ32 Datasheet HTML 4Page - STMicroelectronics 74LVQ32 Datasheet HTML 5Page - STMicroelectronics 74LVQ32 Datasheet HTML 6Page - STMicroelectronics 74LVQ32 Datasheet HTML 7Page - STMicroelectronics 74LVQ32 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TEST CIRCUIT
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty clycle)
74LVQ32
5/8


Similar Part No. - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
74LVQ32 FAIRCHILD-74LVQ32 Datasheet
51Kb / 5P
Low Voltage Quad 2-Input OR Gate
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
74LVQ32MTR STMICROELECTRONICS-74LVQ32MTR Datasheet
226Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
Fairchild Semiconductor
74LVQ32SC FAIRCHILD-74LVQ32SC Datasheet
64Kb / 6P
Low Voltage Quad 2-Input OR Gate
More results

Similar Description - 74LVQ32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
Quad 2-Input OR Gate
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
Quad 2-Input OR Gate
June 1997
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
Quad 2-Input OR Gate
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com