Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7262 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST7262_06 Datasheet HTML 103Page - STMicroelectronics ST7262_06 Datasheet HTML 104Page - STMicroelectronics ST7262_06 Datasheet HTML 105Page - STMicroelectronics ST7262_06 Datasheet HTML 106Page - STMicroelectronics ST7262_06 Datasheet HTML 107Page - STMicroelectronics ST7262_06 Datasheet HTML 108Page - STMicroelectronics ST7262_06 Datasheet HTML 109Page - STMicroelectronics ST7262_06 Datasheet HTML 110Page - STMicroelectronics ST7262_06 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 139 page
background image
107/139
12.6 MEMORY CHARACTERISTICS
Subject to general operating conditions for fCPU, and TA unless otherwise specified.
12.6.1 RAM and Hardware Registers
Note 1: Guaranteed by design. Not tested in production.
12.6.2 FLASH Memory
Operating Conditions: fCPU = 8 MHz.
Note:
1. Refer to the Flash Programming Reference Manual for the typical HDFlash programming and erase tim-
ing values.
Figure 60. Two typical Applications with VPP Pin
1)
Note 1: When the ICP mode is not required by the application, VPP pin must be tied to VSS.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
2.0
V
DUAL VOLTAGE FLASH MEMORY 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCPU
Operating Frequency
Read mode
8
MHz
Write / Erase mode,
TA=25°C
8
VPP
Programming Voltage
4.0V <= VDD <= 5.5V
11.4
12.6
V
IPP
VPP Current
Write / Erase
30
mA
tVPP
Internal VPP Stabilization Time
10
µs
tRET
Data Retention
TA ≤ 55°C
40
years
NRW
Write Erase Cycles
TA=25°C
100
cycles
VPP
ST72XXX
10k
Ω
PROGRAMMING
TOOL
VPP
ST72XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com