Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321B Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72321B
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321B Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72321B Datasheet HTML 153Page - STMicroelectronics ST72321B Datasheet HTML 154Page - STMicroelectronics ST72321B Datasheet HTML 155Page - STMicroelectronics ST72321B Datasheet HTML 156Page - STMicroelectronics ST72321B Datasheet HTML 157Page - STMicroelectronics ST72321B Datasheet HTML 158Page - STMicroelectronics ST72321B Datasheet HTML 159Page - STMicroelectronics ST72321B Datasheet HTML 160Page - STMicroelectronics ST72321B Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 187 page
background image
157/187
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 83. Typical VOL vs. VDD (standard)
Figure 84. Typical VOL vs. VDD (high-sink)
Figure 85. Typical VDD-VOH vs. VDD
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
22.5
33.5
4
4.5
5
5.5
6
Vdd(V)
Ta=-45°C
Ta=25°C
Ta=95°C
Ta=140°C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
22.5
33.5
4
4.5
5
5.5
6
Vdd(V)
Ta=-45°C
Ta=25°C
Ta=95°C
Ta=140°C
0
0.1
0.2
0.3
0.4
0.5
0.6
2
2.5
3
3.544.555.5
6
Vdd(V)
Ta=140°C
Ta=95°C
Ta=25°C
Ta=-45°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdd(V)
Ta=140°C
Ta=95°C
Ta=25°C
Ta=-45°C
0
1
2
3
4
5
6
2
2.5
33.544.5
5
5.5
6
V
dd(V
)
Ta=-45°C
Ta=25°C
Ta=95°C
Ta=140°C
2
2.5
3
3.5
4
4.5
5
5.5
2
2.5
3
3.5
44.555.5
6
Vdd(V)
Ta=-45°C
Ta=25°C
Ta=95°C
Ta=140°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com