Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321B Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST72321B
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321B Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST72321B Datasheet HTML 174Page - STMicroelectronics ST72321B Datasheet HTML 175Page - STMicroelectronics ST72321B Datasheet HTML 176Page - STMicroelectronics ST72321B Datasheet HTML 177Page - STMicroelectronics ST72321B Datasheet HTML 178Page - STMicroelectronics ST72321B Datasheet HTML 179Page - STMicroelectronics ST72321B Datasheet HTML 180Page - STMicroelectronics ST72321B Datasheet HTML 181Page - STMicroelectronics ST72321B Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 187 page
background image
178/187
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 DEVELOPMENT TOOLS
Development tools for the ST7 microcontrollers in-
clude a complete range of hardware systems and
software tools from STMicroelectronics and third-
party tool suppliers. The range of tools includes
solutions to help you evaluate microcontroller pe-
ripherals, develop and debug your application, and
program your microcontrollers.
14.3.1 Starter kits
ST offers complete, affordable starter kits. Starter
kits are complete, affordable hardware/software
tool packages that include features and samples
to help you quickly start developing your applica-
tion.
14.3.2 Development and debugging tools
Application development for ST7 is supported by
fully optimizing C Compilers and the ST7 Assem-
bler-Linker toolchain, which are all seamlessly in-
tegrated in the ST7 integrated development envi-
ronments in order to facilitate the debugging and
fine-tuning of your application. The Cosmic C
Compiler is available in a free version that outputs
up to 16KBytes of code.
The range of hardware tools includes full-featured
ST7-EMU3 series emulators and the low-cost
RLink in-circuit debugger/programmer. These
tools are supported by the ST7 Toolset from
STMicroelectronics, which includes the STVD7 in-
tegrated development environment (IDE) with
high-level language debugger, editor, project man-
ager and integrated programming interface.
14.3.3 Programming tools
During the development cycle, the ST7-EMU3 se-
ries emulators and the RLink provide in-circuit
programming capability for programming the Flash
microcontroller on your application board.
ST also provides a low-cost dedicated in-circuit
programmer, the ST7-STICK, as well as ST7
Socket Boards which provide all the sockets re-
quired for programming any of the devices in a
specific ST7 sub-family on a platform that can be
used with any tool with in-circuit programming ca-
pability for ST7.
For production programming of ST7 devices, ST’s
third-party tool partners also provide a complete
range of gang and automated programming solu-
tions, which are ready to integrate into your pro-
duction environment.
Evaluation boards
Three different Evaluation boards are available:
■ ST7232x-EVAL ST72F321/324/521 evaluation
board, with ICC connector for programming
capability. Provides direct connection to ST7-
DVP3 emulator. Supplied with daughter boards
(core module) for ST72F321, ST72324 &
ST72F521.
■ ST7MDT20-EVC/xx
1 with CAB LQFP64 14x14
socket
■ ST7MDT20-EVY/xx
1
with Yamaichi LQFP64
10x10 socket
Table 30. STMicroelectronics Development Tools
Note 1: Add suffix /EU, /UK, /US for the power supply of your region.
Supported
Products
Emulation
Programming
ST7 DVP3 Series
ST7 EMU3 series
ICC Socket Board
Emulator
Connection kit
Emulator
Active Probe &
T.E.B.
ST72321BAR,
ST72F321BAR
ST7MDT20-DVP3
ST7MDT20-T6A/
DVP
ST7MDT20M-
EMU3
ST7MDT20M-TEB
ST7SB20M/xx1
ST72321BR,
ST72F321BR
ST7MDT20-T64/
DVP
ST72321BJ,
ST72F321BJ
ST7MDT20-T44/
DVP
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7SB20J/xx1
ST72321BK,
ST72F321BK
ST7MDT20-DVP3
ST7MDT20-T44/
DVP
ST7MDT20J-
EMU3
ST7MDT20J-TEB
ST7SB20J/xx1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com