Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321B Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST72321B
Description  64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
PDF  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321B Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST72321B Datasheet HTML 179Page - STMicroelectronics ST72321B Datasheet HTML 180Page - STMicroelectronics ST72321B Datasheet HTML 181Page - STMicroelectronics ST72321B Datasheet HTML 182Page - STMicroelectronics ST72321B Datasheet HTML 183Page - STMicroelectronics ST72321B Datasheet HTML 184Page - STMicroelectronics ST72321B Datasheet HTML 185Page - STMicroelectronics ST72321B Datasheet HTML 186Page - STMicroelectronics ST72321B Datasheet HTML 187Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 186 / 187 page
background image
186/187
16 REVISION HISTORY
Table 33. Revision History
Date
Revision
Description of Changes
21-Mar-2006
2
Added “32-Pin LQFP Package Pinout” on page 10
Removed CSS feature in “SYSTEM INTEGRITY MANAGEMENT (SI)” on page 29.
Updated “DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE”
on page 177
Updated “KNOWN LIMITATIONS” on page 186
10-Apr-2006
3
Removed blank pages
10-Apr-2007
4
In Table 2 added note for I/O Port E2 (PE2) output mode “pull-up always activated”
Deleted the sentence in Section 4.3.1 ‘Readout protection is not supported if LVD is ena-
bled’
In Section 10.4 16-bit timer, replaced text in note 3 with "In both internal and external clock
modes, OCFi and OCMPi are set while the counter value equals the OCiR register value
(see Figure 50 for an example with fCPU/2 and Figure 51 for an example with fCPU/4). This
behavior is the same in OPM or PWM mode."
Removed Compare Register i Latch signal from Figure 51.
Removed EMC protective circuitry in Figure 87 on page 159 (device works correctly without
these components)
Changed Footnote 4 in Section 12.11.1
Added ‘TIMD set simultaneously with OC interrupt’ in Section 15.1.2
Added ‘Pull-up always active on PE2’ in Section 15.1.8
Deleted limitations ‘Halt ActiveHalt Power consumption’ ‘I2C interrupt exit from Halt/Active-
Halt’ and Safe connection of OSC1/OSC2 pins’ in Section 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com