Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412R8U6TR Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32L412R8U6TR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412R8U6TR Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L412R8U6TR Datasheet HTML 97Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 98Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 99Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 100Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 101Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 102Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 103Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 104Page - STMicroelectronics STM32L412R8U6TR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 192 page
background image
Table 45. Current consumption in Stop 0
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
VDD
25 °C
55 °C
85 °C
105 °C
125 °C
25 °C
55 °C
85 °C
105 °C
125 °C
IDD_ALL
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
1.8 V
110
125
165
240
380
130
145
215
340
585
µA
2.4 V
110
125
170
240
385
130
145
215
340
585
3 V
115
125
170
245
385
130
145
220
345
590
3.6 V
115
130
175
250
390
135
150
220
345
595
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com